Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 36 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 36 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 32Page - Motorola, Inc 68HC05CL48 Datasheet HTML 33Page - Motorola, Inc 68HC05CL48 Datasheet HTML 34Page - Motorola, Inc 68HC05CL48 Datasheet HTML 35Page - Motorola, Inc 68HC05CL48 Datasheet HTML 36Page - Motorola, Inc 68HC05CL48 Datasheet HTML 37Page - Motorola, Inc 68HC05CL48 Datasheet HTML 38Page - Motorola, Inc 68HC05CL48 Datasheet HTML 39Page - Motorola, Inc 68HC05CL48 Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
INTERRUPTS
MC68HC05CL48
4-4
REV 2.0
interrupt will occur as soon as the interrupt mask bit is cleared. The latch will be
cleared by RESET or cleared automatically during fetch of the EXTERNAL
Interrupt vectors. Therefore, one (and only one) external interrupt edge could be
latched during the interrupt mask bit is set.
The service routine address is specified by the contents of $FFFA and $FFFB.
Figure 4-2 shows both a block diagram and the two methods for the interrupt line
(IRQ) to the processor. The first method is single pulses on the interrupt line
spaced far enough apart to be serviced. The minimum time between pulses is a
function of the number of cycles required to execute the interrupt service routine
plus 21 cycles. Once a pulse occurs, the next pulse should not occur until the
MCU software has exited the routine (an RTI occurs). The second configuration
shows several interrupt line “wire-ANDed” to perform the interrupts at the
processor. Thus, if after servicing one interrupt and the interrupt line remains low,
then the next interrupt is recognized.
NOTE
INTO is located at bit-1 of the Option Register at $001F, and is set
by reset. The Option Register can only be written once after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com