Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 94 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 94 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 90Page - Motorola, Inc 68HC05CL48 Datasheet HTML 91Page - Motorola, Inc 68HC05CL48 Datasheet HTML 92Page - Motorola, Inc 68HC05CL48 Datasheet HTML 93Page - Motorola, Inc 68HC05CL48 Datasheet HTML 94Page - Motorola, Inc 68HC05CL48 Datasheet HTML 95Page - Motorola, Inc 68HC05CL48 Datasheet HTML 96Page - Motorola, Inc 68HC05CL48 Datasheet HTML 97Page - Motorola, Inc 68HC05CL48 Datasheet HTML 98Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
CALLER-ID
MC68HC05CL48
11-10
REV 2.0
The transmission level from the terminating C.O will be -13.5 dBm +/- 1.0. The
expected worst case attenuation through the loop is expected to be -20dB. The
receiver therefore, should have a sensitivity of approximately -34.5 dB to handle
the worst case installations.
Table 11-2. Critical Design Characteristic
Characteristics
Typ
Unit
Input Tip/Ring Sensitivity (600 ohm)
-40
dBm
Ring/Tip Common Mode Rejection Ratio
60
dB
Bandpass Filter (BPF)
Frequency Response (relative to 1700
Hz @ 0 dB)
60 Hz
1000 Hz
2400 Hz
>=3300 Hz
-58
-1
-1
-34
dB
Carrier Detect Sensitivity (600 ohm)
-40 (-48 min)
dBm
Ring Detect Threshold (RDI2)
0.39*Vdd
± 0.1volt
Volts
RDI Threshold to keep RT_L=’1’
< 1.0
Volts
Table 11-3. Switching Characteristics (VDD= 5V; TA=25 C)
Description
Symbol
Min
Typ
Max
Unit
PLL Clock Start-up Time
tDOSC
-
-
10
ms
Carrier Detect Acquisition
tDAQ
-14
25
ms
End of Carrier Detect
tDCH
8-
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com