Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 23 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 23 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 19Page - Motorola, Inc 68HC05CL48 Datasheet HTML 20Page - Motorola, Inc 68HC05CL48 Datasheet HTML 21Page - Motorola, Inc 68HC05CL48 Datasheet HTML 22Page - Motorola, Inc 68HC05CL48 Datasheet HTML 23Page - Motorola, Inc 68HC05CL48 Datasheet HTML 24Page - Motorola, Inc 68HC05CL48 Datasheet HTML 25Page - Motorola, Inc 68HC05CL48 Datasheet HTML 26Page - Motorola, Inc 68HC05CL48 Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
MEMORY
MOTOROLA
REV 2.0
2-1
SECTION 2
MEMORY
The MC68HC05CL48 has a 64k-byte memory map, consisting of user ROM, user
RAM, Self-Check ROM, LCD RAM and I/O as shown in Figure 2-1.
2.1
MEMORY MAP
The MC68HC05CL48 memory map is shown in Figure 2-1.
2.2
I/O AND CONTROL REGISTERS
The I/O and Control Registers reside in locations $0000-$002F. The overall
organization of these registers is shown in Figure 2-1. The bit assignments for
each register are shown in Figure 2-2, Figure 2-3 and Figure 2-4. Reading from
unimplemented bits will return unknown states, and writing to unimplemented bits
will be ignored.
2.2.1 Option Register ($1F)
This register can be written to only once following a Power-On-Reset (POR) but
can be read at any time. This register configures the MCU options to suit the
user’s application.
OSC_ON
1 =
Oscillator is switched on in STOP mode.
0 =
Oscillator is switched off in STOP mode.
COP
Refer to Section 8 for detailed informations on COP.
1 =
Enable the COP watchdog reset.
0 =
Disable the COP watchdog reset.
76543210
OPT
$001F
READ
OSC_ON
COP
INTO
WRITE
POR
1
1
U
U
U
U
1
U
U = UNAFFECTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com