Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 89 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 89 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 85Page - Motorola, Inc 68HC05CL48 Datasheet HTML 86Page - Motorola, Inc 68HC05CL48 Datasheet HTML 87Page - Motorola, Inc 68HC05CL48 Datasheet HTML 88Page - Motorola, Inc 68HC05CL48 Datasheet HTML 89Page - Motorola, Inc 68HC05CL48 Datasheet HTML 90Page - Motorola, Inc 68HC05CL48 Datasheet HTML 91Page - Motorola, Inc 68HC05CL48 Datasheet HTML 92Page - Motorola, Inc 68HC05CL48 Datasheet HTML 93Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
CALLER-ID
MOTOROLA
REV 2.0
11-5
Figure 11-6. Power Up Sequence from WAIT Mode
11.6
DATA INTERFACE
The demodulated data from this module is available in bit-serial and 8-bit format.
The serial data can be read from CIDSD (bit 2) of the CLCSR2 register and the 8-
bit data is available from the Caller_ID data register CDDR. This data includes the
alternate 0 and 1 pattern, 150 ms marking which precedes data. At all other times
the demodulator output bit is high.
The Caller_ID data ready flag CDRF bit-2 of CLCSR3 will be set to indicate that
the 8-bit data is ready to be read. The data ready flag will generate an CPU
interrupt if the data ready interrupt enable DRIE bit-3 of CLCSR3 is set and the I-
bit of the CCR is cleared. The Caller_ID data register CDDR acts as data buffer for
the serial to parallel data conversion register and should be read by the CPU
within 8.3msec after receiving the interrupt. Failure to do so will result data lost.
Reading the Caller_ID data register CDDR clears the Caller_ID data ready flag.
Figure 11-9 shows the timing diagram for the serial to parallel data conversion.
CPU WAIT MODE
CDPW?
POWER ON
CDIE?
CD INTERRUPT
YES
YES
WAKE UP CPU
NO
NO
CARRIER DETECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com