Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 90 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 90 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 86Page - Motorola, Inc 68HC05CL48 Datasheet HTML 87Page - Motorola, Inc 68HC05CL48 Datasheet HTML 88Page - Motorola, Inc 68HC05CL48 Datasheet HTML 89Page - Motorola, Inc 68HC05CL48 Datasheet HTML 90Page - Motorola, Inc 68HC05CL48 Datasheet HTML 91Page - Motorola, Inc 68HC05CL48 Datasheet HTML 92Page - Motorola, Inc 68HC05CL48 Datasheet HTML 93Page - Motorola, Inc 68HC05CL48 Datasheet HTML 94Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
CALLER-ID
MC68HC05CL48
11-6
REV 2.0
Figure 11-7. 8-bit Caller ID Data Timing Diagram
11.7
CALLER-ID REGISTERS
11.7.1 Control/Status Register1 (CLCSR1)
CDO, BIT0
Carrier Detect Override, when enabled by the CDOE bit in the CLCSR3
register, the carrier detect can be forced by writing a zero to this bit. On reset
this bit is set to one.
RDO, BIT1
Ring Detect Override, when enabled by RDOE in the CLCSR3 register, the ring
detect can be forced by writing a zero to this bit. On reset this bit is set to one.
CDIE, Bit4 (Carrier Detect Interrupt Enable)
When set enables the carrier detect interrupt to be generated when a carrier is
detected or forced by writing to CDO.
76543210
CLCSR1
$000A
READ
RDIF
RDIE
CDIF
CDIE
RDO
CDO
WRITE
0
0
RESET
0000
U
U
11
Stop-bit = ‘1’
8-bit word
8-bit word
8-bit word
Bit-Serial Cooked Data
Start-bit
Stop-bit
Stop-bit
Start-bit
Start-bit
1
Stop-bit
1
1
CDRF
RDRF Cleared
by CPU reading CDDR
RDRF Cleared
by CPU reading CDDR
Mark-bits (0-10 bits)
Mark-bits (0-10 bits)
Mark-bit = ‘1’
Start-bit = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com