Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 127 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 127 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 123Page - Motorola, Inc 68HC05CL48 Datasheet HTML 124Page - Motorola, Inc 68HC05CL48 Datasheet HTML 125Page - Motorola, Inc 68HC05CL48 Datasheet HTML 126Page - Motorola, Inc 68HC05CL48 Datasheet HTML 127Page - Motorola, Inc 68HC05CL48 Datasheet HTML 128Page - Motorola, Inc 68HC05CL48 Datasheet HTML 129Page - Motorola, Inc 68HC05CL48 Datasheet HTML 130Page - Motorola, Inc 68HC05CL48 Datasheet HTML 131Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
ELECTRICAL SPECIFICATIONS
MOTOROLA
REV 2.0
15-3
15.4
POWER DISSIPATION
(VDD = 3.3Vdc, VSS = 0 Vdc, TA=–10°C to +70 °C, unless otherwise noted)
Mode
Conditions
Symbol
Max
(HC705CL48)
Max
(HC05CL48)
Unit
RUNNING
(a)
System Clock = 3.6MHz
PLL = active
Core Timer = active
WTimer = active
LCD = active
ATD = active
SPI = active
CLID = active
IDD
6.34
6.5
mA
RUNNING
(b)
System Clock = 3.6MHz
PLL = active
Core Timer = active
WTimer = active
LCD = active
IDD
3.82
2.8
mA
RUNNING
(c)
System Clock = 3.6MHz
PLL = active
Core Timer = active
WTimer = active
ATD = active
LCD = active
IDD
4.13
3.0
mA
WAIT
(d)
System Clock = 3.6MHz
PLL = active
Core Timer = active
WTimer = active
ATD = active
LCD = active
IDD
2.67
1.0
mA
RUNNING
(e)
System Clock = 3.6MHz
PLL = active
Core Timer = active
WTimer = active
ATD = active
CLID = active
LCD = active
IDD
6.36
6.5
mA
WAIT
(f)
System Clock = 3.6MHz
PLL = active
Core Timer = active
WTimer = active
ATD = active
CLID = active
LCD = active
IDD
4.90
2.5
mA
STOP
(g)
System Clock = 32kHz
LCD = active
WTimer = active
IDD
80
80
µA
STOP
(h)
No Oscillator
All modules switched off.
IDD
77
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com