Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 205 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 205 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 201Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 202Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 203Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 204Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 205Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 206Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 207Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 208Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 209Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 230 page
background image
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Electrical Specifications
General Release Specification — MC68HC705JJ7/MC68HC705JP7
Section 15. Electrical Specifications
15.1 Contents
15.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .205
15.3
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .206
15.4
Operating Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .207
15.5
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . .207
15.6
Supply Current Characteristics (VDD = 4.5 to 5.5 Vdc). . . . . .208
15.7
Supply Current Characteristics (VDD = 2.7 to 3.3 Vdc). . . . . .209
15.8
DC Electrical Characteristics (5.0 Vdc). . . . . . . . . . . . . . . . . .210
15.9
DC Electrical Characteristics (3.0 Vdc). . . . . . . . . . . . . . . . . .211
15.10 Analog Subsystem Characteristics (5.0 Vdc) . . . . . . . . . . . . .212
15.11 Analog Subsystem Characteristics (3.0 Vdc) . . . . . . . . . . . . .213
15.12 Control Timing (5.0 Vdc). . . . . . . . . . . . . . . . . . . . . . . . . . . . .214
15.13 Control Timing (3.0 Vdc). . . . . . . . . . . . . . . . . . . . . . . . . . . . .215
15.14 PEPROM and EPROM Programming Characteristics . . . . . .216
15.15 SIOP Timing (VDD = 5.0 Vdc) . . . . . . . . . . . . . . . . . . . . . . . . .216
15.16 SIOP Timing (VDD = 3.0 Vdc) . . . . . . . . . . . . . . . . . . . . . . . . .217
15.17 Reset Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .218
15.2 Introduction
This section contains the electrical and timing specifications.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com