Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 206 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 206 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 202Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 203Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 204Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 205Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 206Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 207Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 208Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 209Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 210Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 230 page
background image
Electrical Specifications
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Electrical Specifications
15.3 Maximum Ratings
Maximum ratings are the extreme limits to which the MCU can be
exposed without permanently damaging it.
The MCU contains circuitry to protect the inputs against damage from
high static voltages; however, do not apply voltages higher than those
shown in the table below. Keep V
IN and VOUT within the range
V
SS ≤ (VIN or VOUT) ≤ VDD. Connect unused inputs to the appropriate
voltage level, either V
SS or VDD.
NOTE:
This device is not guaranteed to operate properly at the maximum
ratings. Refer to 15.8 DC Electrical Characteristics (5.0 Vdc) and 15.9
DC Electrical Characteristics (3.0 Vdc) for guaranteed operating
conditions.
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Bootloader/Self-Check Mode
(IRQ/VPP Pin Only)
VIN
VSS –0.3 to 17
V
Current Drain Per Pin Excluding VDD and VSS
I25
mA
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com