Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 208 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 208 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 204Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 205Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 206Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 207Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 208Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 209Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 210Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 211Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 212Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 230 page
background image
Electrical Specifications
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Electrical Specifications
15.6 Supply Current Characteristics (VDD = 4.5 to 5.5 Vdc)
Characteristic
Symbol
Min
Typ
Max
Unit
RUN (Analog and LVR Disabled)
Internal Low-Power Oscillator at 100 kHz
Internal Low-Power Oscillator at 500 kHz
External Oscillator Running at 4.2 MHz
IDD
—
—
—
150
375
3.00
568
1100
5.20
µA
µA
mA
WAIT (Analog and LVR Disabled)
Internal Low-Power Oscillator at 100 kHz
Internal Low-Power Oscillator at 500 kHz
External Oscillator Running at 4.2 MHz
IDD
—
—
—
45
75
1.00
85
375
2.20
µA
µA
mA
STOP (Analog and LVR Disabled)
25
°C
–40
°C to 85 °C
IDD
—
—
2
4
10
20
µA
µA
Incremental IDD for Enabled Modules
LVR
Analog Subsystem
IDD
—
—
5
380
15
475
µA
µA
NOTES:
1.
VDD = 4.5 to 5.5 Vdc, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted
2.
All values shown reflect average measurements.
3.
Typical values at midpoint of voltage range, 25
°C only.
4.
Run (Operating) IDD, Wait IDD: Measured using external square wave clock source to OSC1 pin or internal oscillator,
all inputs 0.2 Vdc from either supply rail (VDD or VSS); no dc loads, less than 50 pF on all outputs, CL = 20 pF on
OSC2.
5.
Wait IDD is affected linearly by the OSC2 capacitance.
6.
Stop IDD: All ports configured as inputs, VIL = 0.2 Vdc, VIH = VDD –0.2 Vdc, OSC1 = VDD.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com