Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 211 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 211 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 207Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 208Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 209Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 210Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 211Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 212Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 213Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 214Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 215Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 230 page
background image
Electrical Specifications
DC Electrical Characteristics (3.0 Vdc)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Electrical Specifications
15.9 DC Electrical Characteristics (3.0 Vdc)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
Iload = 10.0 µA
Iload = –10.0 µA
VOL
VOH
—
VDD –0.1
—
—
0.1
—
V
Output High Voltage
(Iload = –0.2 mA) PB0:7, RESET
(Iload = –2.0 mA) PA0:5, PB4, PC0:7
VOH
VDD –0.8
—
—
V
Output Low Voltage
(Iload = 1.6 mA) PB0:7, RESET
(Iload = 5.0 mA) PA0:5, PB4, PC0:7
VOL
—
—
—
—
0.3
0.3
V
High Source Current
Total for All (6) PA0:5 Pins and PB4
Total for All (8) PC0:7 Pins
IOH
—
—
—
—
20
30
mA
High Sink Current
Total for All (6) PA0:5 Pins and PB4
Total for All (8) PC0:7 Pins
IOL
—
—
—
—
40
60
mA
Input High Voltage
PA0:5, PB0:7, PC0:7, RESET, OSC1, IRQ/VPP
VIH
0.7 x VDD
—VDD
V
Input Low Voltage
PA0:5, PB0:7, PC0:7, RESET, OSC1, IRQ/VPP
VIL
VSS
—
0.2 x VDD
V
Input Current
OSC1, IRQ/VPP
IIN
-1
—
1
µA
Input Current
RESET (Pullup, Source)
RESET (Pulldown, Sink)
IIN
5
–3
—
—
—
—
µA
mA
I/O Ports High-Z Leakage Current (Pulldowns Off)
PA0:6, PB0:7, PC0:7
IOZ
-2
—
2
µA
Input Pulldown Current
PA0:5, PB0:7, PC0:7 (VDD = VIH = 0.7 x VDD)
PA0:5, PB0:7, PC0:7 (VIN = VIL = 0.3 x VDD)
IIL
10
4
25
20
75
40
µA
NOTES:
1.
+2.7
≤ V
DD ≤ +3.3 V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted
2.
All values shown reflect average measurements.
3.
Typical values at midpoint of voltage range, 25
°C only.
4.
PC0:7 parameters only apply to MC68HC705JP7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com