Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 215 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 215 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 211Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 212Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 213Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 214Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 215Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 216Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 217Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 218Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 219Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 230 page
background image
Electrical Specifications
Control Timing (3.0 Vdc)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Electrical Specifications
15.13 Control Timing (3.0 Vdc)
Characteristic
Symbol
Min
Max
Unit
Frequency of Oscillation (OSC)
RC Oscillator Option
Crystal Oscillator Option
External Clock Source
Internal Low-Power Oscillator
Standard Product (100 kHz nominal)
Mask Option (500 kHz nominal, see Note 3))
fOSC
—
0.1
DC
60
300
2.1
2.1
2.1
140
700
MHz
MHz
MHz
kHz
kHz
Internal Operating Frequency, Crystal, or External Clock (fOSC/2)
RC Oscillator Option
Crystal Oscillator Option
External Clock Source
Internal Low-Power Oscillator
Standard Product (100 kHz nominal)
Mask Option (500 kHz nominal, see Note 3))
fOP
—
0.05
DC
30
150
1.05
1.05
1.05
70
350
MHz
MHz
MHz
kHz
kHz
Cycle Time (1/fOP)
External Oscillator or Clock Source
Internal Low-Power Oscillator
Standard Product (100 kHz nominal)
Mask Option (500 kHz nominal, see Note 3))
tCYC
952
14.29
2.86
—
33.33
6.67
ns
µs
µs
16-Bit Timer
Resolution
Input Capture (TCAP) Pulse Width
tRESL
tTH, tTL
4.0
284
—
—
tCYC
ns
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
284
—
ns
Interrupt Pulse Period
tILIL
see Note 2
—
tCYC
OSC1 Pulse Width (External Clock Input)
tOH, tOL
110
—
ns
Analog Subsystem Response
Voltage Comparators
Switching Time (10 mV Overdrive, Either Input)
Comparator Power-Up Delay (Bias Circuit Already Powered Up)
External Current Source (PB0/AN0)
Switching Time (IDIS to IRAMP)
Power-Up Delay (Bias Circuit Already Powered Up)
Bias Circuit Power-Up Delay
tCPROP
tCDELAY
tISTART
tIDELAY
tBDELAY
—
—
—
—
—
2
2
1
2
2
µs
µs
µs
µs
µs
NOTES:
1. +2.7
≤ V
DD ≤ +3.3 V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted
2. The minimum period, tILIL, should not be less than the number of cycle times it takes to execute the interrupt service
routine plus 21 tCYC.
3. The 500 kHz nominal mask option is available through special order only. Contact your local Motorola sales
representative for detailed ordering information.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com