Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 216 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 216 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 212Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 213Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 214Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 215Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 216Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 217Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 218Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 219Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 220Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 230 page
background image
Electrical Specifications
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Electrical Specifications
15.14 PEPROM and EPROM Programming Characteristics
NOTE:
To program the EPROM/OTPROM, MOR or EPMSEC bits, the voltage
on VDD must be greater than 4.5 volts.
15.15 SIOP Timing (VDD = 5.0 Vdc)
Characteristic
Symbol
Min
Typ
Max
Unit
PEPROM Programming Voltage (IRQ/VPP)VPP
16.0
16.5
17.0
V
PEPROM Programming Current (IRQ/VPP)IPP
—
3.0
5.0
mA
PEPROM Programming Time per Bit
tEPGM
4.0
—
—
ms
EPROM/MOR Programming Voltage (IRQ/VPP)VPP
16.0
16.5
17.0
V
EPROM/MOR Programming Current (IRQ/VPP)IPP
—
3.0
5.0
mA
EPROM Programming Time per Byte
tEPGM
4.0
—
—
ms
MOR Programming Time
tMPGM
10.0
—
—
ms
NOTE:
+4.5
≤ V
DD ≤ +5.5 V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency of Operation
Master
Slave
fSIOP(M)
fSIOP(S)
0.25 x fOP
DC
0.25 x fOP
—
0.25 x fOP
1050
kHz
Cycle Time
Master
Slave
tSCK(M)
tSCK(M)
4.0 x tCYC
—
4.0 x tCYC
—
4.0 x tCYC
3.8
µs
Clock (SCK) Low Time (fOP = 4.2 MHz)
tSCKL
466
—
—
ns
SDO Data Valid Time
tV
—
—
200
ns
SDO Hold Time
tHO
0—
—
ns
SDI Setup Time
tS
100
—
—
ns
SDI Hold Time
tH
100
—
—
ns
NOTE:
1.
+4.5
≤ V
DD ≤ +5.5 V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com