Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 218 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 218 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 214Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 215Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 216Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 217Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 218Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 219Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 220Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 221Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 222Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 230 page
background image
Electrical Specifications
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Electrical Specifications
15.17 Reset Characteristics
Figure 15-2. Stop Recovery Timing Diagram
Characteristic
Symbol
Min
Typ
Max
Unit
Low-Voltage Reset
Rising Recovery Voltage
Falling Reset Voltage
LVR Hysteresis
VLVRR
VLVRF
VLVRH
2.4
2.3
100
3.4
3.3
—
4.4
4.3
—
V
V
mV
POR Recovery Voltage (see Note 2)
VPOR
0
—
100
mV
POR VDD Slew Rate (see Note 2)
Rising (see Note 2)
Falling (see Note 2)
SVDDR
SVDDF
—
—
—
—
0.1
0.05
V/
µs
RESET Pulse Width (when Bus Clock Active)
tRL
1.5
—
—
tCYC
RESET Pulldown Pulse Width
(from Internal Reset)
tRPD
3—4
tCYC
NOTE:
1.
+2.7
≤ V
DD ≤ +5.5 V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted
2.
By design, not tested
PCH
NEW
1FFE
t
RL
OSC1
1
RESET
Internal
Clock3
Internal
Address
Bus3
4064 or 16 t
cyc
2
NOTES:
1. Represents the internal gating of the OSC1 pin
2. Normal delay of 4064 tCYC or short delay option of 16 tCYC
3. Internal timing signal and data information not available externally
Internal
Data
Bus3
1FFF
NEW PCH
NEW PCL
PCL
NEW
code
Op
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com