Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 222 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 222 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 218Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 219Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 220Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 221Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 222Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 223Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 224Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 225Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 226Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 230 page
background image
Mechanical Specifications
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 2.0
Mechanical Specifications
16.3 20-Pin Plastic Dual In-Line Package (Case 738)
16.4 20-Pin Small Outline Integrated Circuit (Case 751D)
1.070
0.260
0.180
0.022
0.070
0.015
0.140
15°
0.040
1.010
0.240
0.150
0.015
0.050
0.008
0.110
0°
0.020
25.66
6.10
3.81
0.39
1.27
0.21
2.80
0°
0.51
27.17
6.60
4.57
0.55
1.77
0.38
3.55
15°
1.01
0.050 BSC
0.100 BSC
0.300 BSC
1.27 BSC
2.54 BSC
7.62 BSC
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
E
F
G
J
K
L
M
N
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
-A-
C
K
N
E
GF
D 20 PL
J 20 PL
L
M
-T-
SEATING
PLANE
110
11
20
0.25 (0.010)
T A
M
M
0.25 (0.010)
T B
M
M
B
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
0.510
0.299
0.104
0.019
0.035
0.012
0.009
7°
0.415
0.029
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0°
0.395
0.010
12.95
7.60
2.65
0.49
0.90
0.32
0.25
7°
10.55
0.75
12.65
7.40
2.35
0.35
0.50
0.25
0.10
0°
10.05
0.25
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.150
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
1.27 BSC
0.050 BSC
-A-
-B-
P 10 PL
110
11
20
-T-
D 20 PL
K
C
SEATING
PLANE
R X 45
°
M
0.010 (0.25)
B
M
M
0.010 (0.25)
T A
B
M
S
S
G 18 PL
F
J
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com