Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 223 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 223 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 219Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 220Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 221Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 222Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 223Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 224Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 225Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 226Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 227Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 230 page
background image
Mechanical Specifications
28-Pin Plastic Dual In-Line Package (Case 710)
MC68HC705JJ7/MC68HC705JP7 — Rev. 2.0
General Release Specification
Mechanical Specifications
16.5 28-Pin Plastic Dual In-Line Package (Case 710)
16.6 28-Pin Small Outline Integrated Circuit (Case 751F)
0.100 BSC
0.600 BSC
2.54 BSC
15.24 BSC
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
36.45
13.72
3.94
0.36
1.02
1.65
0.20
2.92
0°
0.51
37.21
14.22
5.08
0.56
1.52
2.16
0.38
3.43
15°
1.02
1.435
0.540
0.155
0.014
0.040
0.065
0.008
0.115
0°
0.020
1.465
0.560
0.200
0.022
0.060
0.085
0.015
0.135
15°
0.040
A
B
C
D
F
G
H
J
K
L
M
N
NOTES:
1. POSITIONAL TOLERANCE OF LEADS (D),
SHALL BE WITHIN 0.25mm (0.010) AT
MAXIMUM MATERIAL CONDITION, IN
RELATION TO SEATING PLANE AND
EACH OTHER.
2. DIMENSION L TO CENTER OF LEADS
WHEN FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE
MOLD FLASH.
114
15
28
B
A
C
N
K
M
J
D
SEATING
PLANE
F
HG
L
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
17.80
7.40
2.35
0.35
0.41
0.23
0.13
0°
10.05
0.25
18.05
7.60
2.65
0.49
0.90
0.32
0.29
8°
10.55
0.75
0.701
0.292
0.093
0.014
0.016
0.009
0.005
0°
0.395
0.010
0.711
0.299
0.104
0.019
0.035
0.013
0.011
8°
0.415
0.029
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
-A-
-B-
114
15
28
-T-
C
SEATING
PLANE
0.010 (0.25)
B
M
M
M
J
-T-
K
26X
G
28X
D
14X
P
R X 45
°
F
0.010 (0.25)
T A
B
M
S
S
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com