Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 224 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 224 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 220Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 221Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 222Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 223Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 224Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 225Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 226Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 227Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 228Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 230 page
background image
Mechanical Specifications
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 2.0
Mechanical Specifications
16.7 20-Pin Windowed Ceramic Integrated Circuit (Case 732)
16.8 28-Pin Windowed Ceramic Integrated Circuit (Case 733A)
NOTES:
1. LEADS WITHIN 0.010 DIAMETER, TRUE
POSITION AT SEATING PLANE, AT MAXIMUM
MATERIAL CONDITION.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSIONS A AND B INCLUDE MENISCUS.
DIM
MIN
MAX
INCHES
A
0.940
0.990
B
0.260
0.295
C
0.150
0.200
D
0.015
0.022
F
0.055
0.065
G
0.100 BSC
H
0.020
0.050
J
0.008
0.012
K
0.125
0.160
L
0.300 BSC
M
0
15
N
0.010
0.040
__
A
20
110
11
B
F
C
SEATING
PLANE
D
H
G
K
N
J
M
L
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.435
1.490
36.45
37.84
B
0.500
0.605
12.70
15.36
C
0.160
0.240
4.06
6.09
D
0.015
0.022
0.38
0.55
F
0.050
0.065
1.27
1.65
G
0.100 BSC
2.54 BSC
J
0.008
0.012
0.20
0.30
K
0.125
0.160
3.17
4.06
L
0.600 BSC
15.24 BSC
M
0
15
0
15
N
0.020
0.050
0.51
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B INCLUDE MENISCUS.
4. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
_
_
_
_
–A–
–T–
M
A
M
0.25 (0.010)
T
B
C
K
D
F
G
N
28 PL
14
1
15
28
L
J
M
SEATING
PLANE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com