Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 213 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 213 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 209Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 210Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 211Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 212Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 213Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 214Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 215Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 216Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 230 page
background image
Electrical Specifications
Analog Subsystem Characteristics (3.0 Vdc)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Electrical Specifications
15.11 Analog Subsystem Characteristics (3.0 Vdc)
Characteristic
Symbol
Min
Max
Unit
Voltage Comparators
Input Offset Voltage
Common-Mode Range
Comparator 1 Input Impedance
Comparator 2 Input Impedance
Direct Input to Comparator 2 (HOLD = 1, DHOLD = 0)
Divider Input to Comparator 2 (HOLD = 0, DHOLD = 1)
VIO
VCMR
ZIN
ZIN
ZIN
—
—
800
800
80
15
VDD –1.5
—
—
—
mV
V
k
Ω
k
Ω
k
Ω
Input Divider Ratio (Comparator 2, HOLD = 0, DHOLD =1)
VIN = 0 to VDD –1.5V
RDIV
0.49
0.51
Analog Subsystem Internal VSS Offset
VAOFF
10
30
mV
Multiplexer Switch Resistance
RMUX
—5
k
Ω
External Current Source (PB0/AN0)
Source Current (VOUT = VDD/2)
Source Current Linearity (VOUT = 0 to VDD –1.5 Vdc)
Discharge Sink Current (VOUT = 0.4 V)
ICHG
ICHG
IDIS
75
—
1
104
±1
—
µA
%FS
mA
External Capacitor (connected to PB0/AN0)
Voltage Range
Discharge Time
Value of external ramping capacitor
VCAP
tDIS
CEXT
VSS
5
—
VDD –1.5
10
2
V
ms/
µF
µF
Internal Sample and Hold Capacitor
Capacitance
Charge/Discharge Time (0 to 3.5 Vdc)
Direct Connection (HOLD = 1, DHOLD = 0)
Divided Connection (HOLD = 0, DHOLD = 1)
Temperature Diode Connection (HOLD = 1, DHOLD = 1)
Leakage Discharge Rate
CSH
tSHCHG
tSHDCHG
tSHTCHG
CSHDIS
8
1
2
1
—
13
—
—
—
0.1
pF
µs
µs
µs
V/sec
Internal Temperature Sensing Diode
Voltage (at TJ = 25 °C)
Temperature Change in Voltage
VD
TCD
0.65
2.0
0.71
2.2
V
mV/
°C
NOTE:
1. +2.7
≤ V
DD ≤ +3.3 V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com