Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 8Page - ATMEL Corporation AT25DF641A Datasheet HTML 9Page - ATMEL Corporation AT25DF641A Datasheet HTML 10Page - ATMEL Corporation AT25DF641A Datasheet HTML 11Page - ATMEL Corporation AT25DF641A Datasheet HTML 12Page - ATMEL Corporation AT25DF641A Datasheet HTML 13Page - ATMEL Corporation AT25DF641A Datasheet HTML 14Page - ATMEL Corporation AT25DF641A Datasheet HTML 15Page - ATMEL Corporation AT25DF641A Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
12
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
The three address bytes and at least one complete byte of data must be clocked into the device
before the CS pin is deasserted, and the CS pin must be deasserted on even byte boundaries
(multiples of eight bits); otherwise, the device will abort the operation and no data will be pro-
grammed into the memory array. In addition, if the address specified by A23-A0 points to a
memory location within a sector that is in the protected state (see “Protect Sector” on page 21)
or locked down (see “Sector Lockdown” on page 28), then the Byte/Page Program command will
not be executed, and the device will return to the idle state once the CS pin has been deas-
serted. The WEL bit in the Status Register will be reset back to the logical “0” state if the
program cycle aborts due to an incomplete address being sent, an incomplete byte of data being
sent, the CS pin being deasserted on uneven byte boundaries, or because the memory location
to be programmed is protected or locked down.
While the device is programming, the Status Register can be read and will indicate that the
device is busy. For faster throughput, it is recommended that the Status Register be polled
rather than waiting the t
BP or tPP time to determine if the data bytes have finished programming.
At some point before the program cycle completes, the WEL bit in the Status Register will be
reset back to the logical “0” state.
The device also incorporates an intelligent programming algorithm that can detect when a byte
location fails to program properly. If a programming error arises, it will be indicated by the EPE
bit in the Status Register.
Figure 8-1.
Byte Program
Figure 8-2.
Page Program
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A A
MSB
DDDDDDD D
ADDRESS BITS A23-A0
DATA IN
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD D
DATA IN BYTE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com