Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 42Page - ATMEL Corporation AT25DF641A Datasheet HTML 43Page - ATMEL Corporation AT25DF641A Datasheet HTML 44Page - ATMEL Corporation AT25DF641A Datasheet HTML 45Page - ATMEL Corporation AT25DF641A Datasheet HTML 46Page - ATMEL Corporation AT25DF641A Datasheet HTML 47Page - ATMEL Corporation AT25DF641A Datasheet HTML 48Page - ATMEL Corporation AT25DF641A Datasheet HTML 49Page - ATMEL Corporation AT25DF641A Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
46
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
Figure 13-1. Atmel RapidS Operation
14. Electrical Specifications
SCK
MOSI
MISO
tV
1
234567
81
234567
8
MOSI = Master Out, Slave In
MISO = Master In, Slave Out
The Master is the ASIC/MCU and the Slave is the memory device.
The Master always clocks data out on the rising edge of SCK and always clocks data in on the falling edge of SCK.
The Slave always clocks data out on the falling edge of SCK and always clocks data in on the rising edge of SCK.
A.
Master clocks out first bit of BYTE A on the rising edge of SCK
B.
Slave clocks in first bit of BYTE A on the next rising edge of SCK
C.
Master clocks out second bit of BYTE A on the same rising edge of SCK
D.
Last bit of BYTE A is clocked out from the Master
E.
Last bit of BYTE A is clocked into the slave
F.
Slave clocks out first bit of BYTE B
G.
Master clocks in first bit of BYTE B
H.
Slave clocks out second bit of BYTE B
I.
Master clocks in last bit of BYTE B
A
B
C
D
E
F
G
1
H
BYTE A
MSB
LSB
BYTE B
MSB
LSB
Slave
CS
I
14.1
Absolute Maximum Ratings*
Temperature under Bias .................... -55
⋅C to +125⋅C
*NOTICE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
Functional operation of the device at these or any other
conditions beyond those indicated in the operational sec-
tions of this specification is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may
affect device reliability. Voltage extremes referenced in the
“Absolute Maximum Ratings” are intended to accomodate
short duration undershoot/overshoot conditions and does
not imply or guarantee functional device operation at
these levels for any extended period of time.
Storage Temperature........................ -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ....................... -0.6V to +4.1V
All Output Voltages
with Respect to Ground ............... -0.6V to V
CC + 0.5V
14.2
DC and AC Operating Range
Atmel AT25DF641A
Operating Temperature (Case)
Ind.
-40
°Cto85°C
V
CC Power Supply
2.7V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com