Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 43Page - ATMEL Corporation AT25DF641A Datasheet HTML 44Page - ATMEL Corporation AT25DF641A Datasheet HTML 45Page - ATMEL Corporation AT25DF641A Datasheet HTML 46Page - ATMEL Corporation AT25DF641A Datasheet HTML 47Page - ATMEL Corporation AT25DF641A Datasheet HTML 48Page - ATMEL Corporation AT25DF641A Datasheet HTML 49Page - ATMEL Corporation AT25DF641A Datasheet HTML 50Page - ATMEL Corporation AT25DF641A Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
47
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
14.3
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
SB
Standby Current
CS, WP, HOLD = V
CC,
all inputs at CMOS levels
25
50
µA
I
DPD
Deep Power-down Current
CS, WP, HOLD = V
CC,
all inputs at CMOS levels
510
µA
I
CC1
Active Current, Read Operation
f = 100MHz; I
OUT = 0mA;
CS = V
IL,VCC = Max
12
19
mA
f = 85MHz; I
OUT = 0mA;
CS = V
IL,VCC = Max
10
17
f = 66MHz; I
OUT = 0mA;
CS = V
IL,VCC = Max
814
f = 50MHz; I
OUT = 0mA;
CS = V
IL,VCC = Max
712
f = 33MHz; I
OUT = 0mA;
CS = V
IL,VCC = Max
610
f = 20MHz; I
OUT = 0mA;
CS = V
IL,VCC = Max
58
I
CC2
Active Current, Program Operation
CS = V
CC,VCC = Max
12
18
mA
I
CC3
Active Current, Erase Operation
CS = V
CC,VCC = Max
12
18
mA
I
LI
Input Leakage Current
V
IN = CMOS levels
1
µA
I
LO
Output Leakage Current
V
OUT = CMOS levels
1
µA
V
IL
Input Low Voltage
0.3 x V
CC
V
V
IH
Input High Voltage
0.7 x V
CC
V
V
OL
Output Low Voltage
I
OL = 1.6mA; VCC = Min
0.4
V
V
OH
Output High Voltage
I
OH = -100µA; VCC = Min
V
CC - 0.2V
V
14.4
AC Characteristics - Maximum Clock Frequencies
Symbol
Parameter
Min
Max
Units
Atmel RapidS and SPI Operation
f
MAX
Maximum Clock Frequency for All Operations – Atmel RapidS Operation Only
(excluding 03h, 0Bh, 3Bh, and 9F opcodes)
100
MHz
f
CLK
Maximum Clock Frequency for All Operations
(excluding 03h opcode)
85
MHz
f
RDLF
Maximum Clock Frequency for 03h Opcode (Read Array – Low Frequency)
50
MHz
f
RDDO
Maximum Clock Frequency for 3Bh Opcode (Dual-Output Read)
85
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com