Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 33Page - ATMEL Corporation AT25DF641A Datasheet HTML 34Page - ATMEL Corporation AT25DF641A Datasheet HTML 35Page - ATMEL Corporation AT25DF641A Datasheet HTML 36Page - ATMEL Corporation AT25DF641A Datasheet HTML 37Page - ATMEL Corporation AT25DF641A Datasheet HTML 38Page - ATMEL Corporation AT25DF641A Datasheet HTML 39Page - ATMEL Corporation AT25DF641A Datasheet HTML 40Page - ATMEL Corporation AT25DF641A Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
37
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
11.1.6
RSTE Bit
The RSTE bit is used to enable or disable the Reset command. When the RSTE bit is in the log-
ical “0” state (the default state after power-up), the Reset command is disabled and any attempts
to reset the device using the Reset command will be ignored. When the RSTE bit is in the logical
“1” state, the Reset command is enabled.
The RSTE bit will retain its state as long as power is applied to the device. Once set to the logi-
cal “1” state, the RSTE bit will remain in that state until it is modified using the Write Status
Register Byte 2 command or until the device has been power cycled. The Reset command itself
will not change the state of the RSTE bit.
11.1.7
SLE Bit
The SLE bit is used to enable and disable the Sector Lockdown and Freeze Sector Lockdown
State commands. When the SLE bit is in the logical “0” state (the default state after power-up),
the Sector Lockdown and Freeze Sector Lockdown commands are disabled. If the Sector Lock-
down and Freeze Sector Lockdown commands are disabled, then any attempts to issue the
commands will be ignored. This provides a safeguard for these commands against accidental or
erroneous execution. When the SLE bit is in the logical “1” state, the Sector Lockdown and
Freeze Sector Lockdown State commands are enabled.
Unlike the WEL bit, the SLE bit does not automatically reset after certain device operations.
Therefore, once set, the SLE bit will remain in the logical “1” state until it is modified using the
Write Status Register Byte 2 command or until the device has been power cycled. The Reset
command has no effect on the SLE bit.
If the Freeze Sector Lockdown State command has been issued, then the SLE bit will be perma-
nently reset in the logical “0” state to indicate that the Sector Lockdown command has been
disabled.
11.1.8
PS Bit
The PS bit indicates whether or not a sector is in the Program Suspend state.
11.1.9
ES Bit
The ES bit indicates whether or not a sector is in the Erase Suspend state.
11.1.10
RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program
or erase, is in progress. To poll the RDY/BSY bit to detect the completion of a program or erase
cycle, new Status Register data must be continually clocked out of the device until the state of
the RDY/BSY bit changes from a logical “1” to a logical “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com