Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 41Page - ATMEL Corporation AT25DF641A Datasheet HTML 42Page - ATMEL Corporation AT25DF641A Datasheet HTML 43Page - ATMEL Corporation AT25DF641A Datasheet HTML 44Page - ATMEL Corporation AT25DF641A Datasheet HTML 45Page - ATMEL Corporation AT25DF641A Datasheet HTML 46Page - ATMEL Corporation AT25DF641A Datasheet HTML 47Page - ATMEL Corporation AT25DF641A Datasheet HTML 48Page - ATMEL Corporation AT25DF641A Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
45
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
To end the Hold mode and resume serial communication, the HOLD pin must be deasserted
during the SCK low pulse. If the HOLD pin is deasserted during the SCK high pulse, then the
Hold mode won’t end until the beginning of the next SCK low pulse.
If the CS pin is deasserted while the HOLD pin is still asserted, then any operation that may
have been started will be aborted, and the device will reset the WEL bit in the Status Register
back to the logical “0” state.
Figure 12-5. Hold Mode
13. Atmel RapidS Implementation
To implement Atmel® RapidS™ and operate at clock frequencies higher than what can be
achieved in a viable SPI implementation, a full clock cycle can be used to transmit data back and
forth across the serial bus. The Atmel AT25DF641A is designed to always clock its data out on
the falling edge of the SCK signal and clock data in on the rising edge of SCK.
For full clock cycle operation to be achieved, when the AT25DF641A is clocking data out on the
falling edge of SCK, the host controller should wait until the next falling edge of SCK to latch the
data in. Similarly, the host controller should clock its data out on the rising edge of SCK in order
to give the AT25DF641A a full clock cycle to latch the incoming data in on the next rising edge of
SCK.
Implementing RapidS allows a system to run at higher clock frequencies since a full clock cycle
is used to accommodate a device’s clock-to-output time, input setup time, and associated
rise/fall times. For example, if the system clock frequency is 100MHz (10ns cycle time) with a
50% duty cycle, and the host controller has an input setup time of 2ns, then a standard SPI
implementation would require that the slave device be capable of outputting its data in less than
3ns to meet the 2ns host controller setup time [(10ns x 50%) - 2ns] not accounting for rise/fall
times. In an SPI mode 0 or 3 implementation, the SPI master is designed to clock in data on the
next immediate rising edge of SCK after the SPI slave has clocked its data out on the preceding
falling edge. This essentially makes SPI a half-clock cycle protocol and requires extremely fast
clock-to-output times and input setup times in order to run at high clock frequencies. With
a RapidS implementation of this example, however, the full 10ns cycle time is available which
gives the slave device up to 8ns, not accounting for rise/fall times, to clock its data out. Likewise,
with RapidS, the host controller has more time available to output its data to the slave since the
slave device would be clocking that data in a full clock cycle later.
SCK
CS
HOLD
Hold
Hold
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com