Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 2 Page - ATMEL Corporation

  AT25DF641A Datasheet HTML 1Page - ATMEL Corporation AT25DF641A Datasheet HTML 2Page - ATMEL Corporation AT25DF641A Datasheet HTML 3Page - ATMEL Corporation AT25DF641A Datasheet HTML 4Page - ATMEL Corporation AT25DF641A Datasheet HTML 5Page - ATMEL Corporation AT25DF641A Datasheet HTML 6Page - ATMEL Corporation AT25DF641A Datasheet HTML 7Page - ATMEL Corporation AT25DF641A Datasheet HTML 8Page - ATMEL Corporation AT25DF641A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
1.
Description
The Atmel® AT25DF641 is a serial interface Flash memory device designed for use in a wide
variety of high-volume consumer based applications in which program code is shadowed from
Flash memory into embedded or external RAM for execution. The flexible erase architecture of
the AT25DF641A, with its erase granularity as small as 4-Kbytes, makes it ideal for data storage
as well, eliminating the need for additional data storage EEPROM devices.
The physical sectoring and the erase block sizes of the AT25DF641A have been optimized to
meet the needs of today's code and data storage applications. By optimizing the size of the
physical sectors and erase blocks, the memory space can be used much more efficiently.
Because certain code modules and data storage segments must reside by themselves in their
own protected sectors, the wasted and unused memory space that occurs with large sectored
and large block erase Flash memory devices can be greatly reduced. This increased memory
space efficiency allows additional code routines and data storage segments to be added while
still maintaining the same overall device density.
The AT25DF641A also offers a sophisticated method for protecting individual sectors against
erroneous or malicious program and erase operations. By providing the ability to individually pro-
tect and unprotect sectors, a system can unprotect a specific sector to modify its contents while
keeping the remaining sectors of the memory array securely protected. This is useful in applica-
tions where program code is patched or updated on a subroutine or module basis, or in
applications where data storage segments need to be modified without running the risk of errant
modifications to the program code segments. In addition to individual sector protection capabili-
ties, the AT25DF641A incorporates Global Protect and Global Unprotect features that allow the
entire memory array to be either protected or unprotected all at once. This reduces overhead
during the manufacturing process since sectors do not have to be unprotected one-by-one prior
to initial programming.
To take code and data protection to the next level, the AT25DF641A incorporates a sector lock-
down mechanism that allows any combination of individual 64-Kbyte sectors to be locked down
and become permanently read-only. This addresses the need of certain secure applications that
require portions of the Flash memory array to be permanently protected against malicious
attempts at altering program code, data modules, security information, or encryption/decryption
algorithms, keys, and routines. The device also contains a specialized OTP (One-Time Pro-
grammable) Security Register that can be used for purposes such as unique device
serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc.
Specifically designed for use in 3V systems, the AT25DF641A supports read, program, and
erase operations with a supply voltage range of 2.7V to 3.6V. No separate voltage is required for
programming and erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com