Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 44Page - ATMEL Corporation AT25DF641A Datasheet HTML 45Page - ATMEL Corporation AT25DF641A Datasheet HTML 46Page - ATMEL Corporation AT25DF641A Datasheet HTML 47Page - ATMEL Corporation AT25DF641A Datasheet HTML 48Page - ATMEL Corporation AT25DF641A Datasheet HTML 49Page - ATMEL Corporation AT25DF641A Datasheet HTML 50Page - ATMEL Corporation AT25DF641A Datasheet HTML 51Page - ATMEL Corporation AT25DF641A Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
48
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
Notes:
1. Not 100% tested (value guaranteed by design and characterization)
2. 15pF load at frequencies above 70MHz, 30pF otherwise
3. Only applicable as a constraint for the Write Status Register Byte 1 command when SPRL = 1
14.5
AC Characteristics – All Other Parameters
Symbol
Parameter
Min
Max
Units
t
CLKH
Clock High Time
4.3
ns
t
CLKL
Clock Low Time
4.3
ns
t
CLKR
(1)
Clock Rise Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
t
CLKF
(1)
Clock Fall Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
t
CSH
Chip Select High Time
50
ns
t
CSLS
Chip Select Low Setup Time (relative to Clock)
5
ns
t
CSLH
Chip Select Low Hold Time (relative to Clock)
5
ns
t
CSHS
Chip Select High Setup Time (relative to Clock)
5
ns
t
CSHH
Chip Select High Hold Time (relative to Clock)
5
ns
t
DS
Data In Setup Time
2ns
t
DH
Data In Hold Time
1ns
t
DIS
(1)
Output Disable Time
5ns
t
V
(2)
Output Valid Time
5ns
t
OH
Output Hold Time
2ns
t
HLS
HOLD Low Setup Time (relative to Clock)
5
ns
t
HLH
HOLD Low Hold Time (relative to Clock)
5
ns
t
HHS
HOLD High Setup Time (relative to Clock)
5
ns
t
HHH
HOLD High Hold Time (relative to Clock)
5
ns
t
HLQZ
(1)
HOLD Low to Output High-Z
5ns
t
HHQX
(1)
HOLD High to Output Low-Z
5ns
t
WPS
(1)(3)
Write Protect Setup Time
20
ns
t
WPH
(1)(3)
Write Protect Hold Time
100
ns
t
SECP
(1)
Sector Protect Time (from Chip Select High)
20
ns
t
SECUP
(1)
Sector Unprotect Time (from Chip Select High)
20
ns
t
LOCK
(1)
Sector Lockdown and Freeze Sector Lockdown State Time (from Chip Select High)
200
µs
t
EDPD
(1)
Chip Select High to Deep Power-Down
1
µs
t
RDPD
(1)
Chip Select High to Standby Mode
30
µs
t
RST
Reset Time
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com