Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 48Page - ATMEL Corporation AT25DF641A Datasheet HTML 49Page - ATMEL Corporation AT25DF641A Datasheet HTML 50Page - ATMEL Corporation AT25DF641A Datasheet HTML 51Page - ATMEL Corporation AT25DF641A Datasheet HTML 52Page - ATMEL Corporation AT25DF641A Datasheet HTML 53Page - ATMEL Corporation AT25DF641A Datasheet HTML 54Page - ATMEL Corporation AT25DF641A Datasheet HTML 55Page - ATMEL Corporation AT25DF641A Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
52
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
16. Ordering Information
16.1
Ordering Code Detail
Note:
The shipping carrier option code is not marked on the devices
16.2
Green Package Options (Pb/Halide-free/RoHS Compliant)
Ordering Code
Package
Lead Finish
Operating Voltage
Max. Freq.
(MHz)
Operation Range
AT25DF641A-SH-B
AT25DF641A-SH-T
8S2
NiPdAu
2.7V to 3.6V
100
Industrial
(-40°C to +85°C)
AT25DF641A-MH-Y
AT25DF641A-MH-T
8MA1
Package Type
8S2
8-lead, 0.208” Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
8MA1
8-pad5x6x 0.6mm Body, Thermally enhanced Plastic Ultra Thin Dual Flat No Lead Package (UDFN)
Atmel Designator
Product Family
Interface
Device Density
Device Revision
Shipping Carrier Option
Device Grade
Package Option
1 = Serial
64 = 64-megabit
B = Bulk (tubes)
Y = Bulk (trays)
T = Tape and reel
H = Green, NiPdAu lead finish, industrial
Temperature range (-40°C to +85°C)
S = 8-lead, 0.208” wide SOIC
M = 8-pad, 5 x 6 x 0.6mm (UDFN)
A T25DF641A-SH-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com