Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 49Page - ATMEL Corporation AT25DF641A Datasheet HTML 50Page - ATMEL Corporation AT25DF641A Datasheet HTML 51Page - ATMEL Corporation AT25DF641A Datasheet HTML 52Page - ATMEL Corporation AT25DF641A Datasheet HTML 53Page - ATMEL Corporation AT25DF641A Datasheet HTML 54Page - ATMEL Corporation AT25DF641A Datasheet HTML 55Page - ATMEL Corporation AT25DF641A Datasheet HTML 56Page - ATMEL Corporation AT25DF641A Datasheet HTML 57Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
53
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
17. Packaging Information
17.1
8S2 - EIAJ SOIC
Package Drawing Contact:
packagedrawings@atmel.com
DRAWING NO.
REV.
TITLE
GPC
1
1
N
N
E
E
qq
C
C
E1
E1
L
L
A
A
b
b
A1
A1
e
e
D
D
Notes: 1. This drawing is for general information only; refer to
EIAJ Drawing EDR-7320 for additional information.
2. Mismatch of the upper and lower dies and resin burrs
are not included.
3. Determines the true geometric position.
4. Values b, C apply to plated terminal. The standard
thickness of the plating layer shall measure between
0.007 to .021mm.
8S2
F
4/15/08
8S2, 8-lead, 0.208” Body, Plastic Small
Outline Package (EIAJ)
STN
End View
Top View
Side View
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
1.70
0.05
0.35
0.15
5.13
5.18
7.70
0.51
0˚
A
A1
b
C
D
E1
E
L
q
e
1.27 BSC
2.16
0.25
0.48
0.35
5.35
5.40
8.26
0.85
8˚
4
4
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com