Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 26Page - ATMEL Corporation AT25DF641A Datasheet HTML 27Page - ATMEL Corporation AT25DF641A Datasheet HTML 28Page - ATMEL Corporation AT25DF641A Datasheet HTML 29Page - ATMEL Corporation AT25DF641A Datasheet HTML 30Page - ATMEL Corporation AT25DF641A Datasheet HTML 31Page - ATMEL Corporation AT25DF641A Datasheet HTML 32Page - ATMEL Corporation AT25DF641A Datasheet HTML 33Page - ATMEL Corporation AT25DF641A Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
30
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
Figure 10-2. Freeze Sector Lockdown State
10.3
Read Sector Lockdown Registers
The Sector Lockdown Registers can be read to determine the current lockdown status of each
physical 64-Kbyte sector. To read the Sector Lockdown Register for a particular 64-Kbyte sec-
tor, the CS pin must first be asserted and the opcode of 35h must be clocked in. Once the
opcode has been clocked in, three address bytes designating any address within the 64-Kbyte
sector must be clocked in. After the address bytes have been clocked in, data will be output on
the SO pin during every subsequent clock cycle. The data being output will be a repeating byte
of either FFh or 00h to denote the value of the appropriate Sector Lockdown Register.
At clock frequencies above f
CLK, the first byte of data output will not be valid. Therefore, if operat-
ing at clock frequencies above f
CLK, at least two bytes of data must be clocked out from the
device in order to determine the correct status of the appropriate Sector Lockdown Register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-imped-
ance state. The CS pin can be deasserted at any time and does not require that a full byte of
data be read.
Figure 10-3. Read Sector Lockdown Register
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110100
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
01
000
0
MSB
1101000
0
ADDRESS BITS A23-A0 CONFIRMATION BYTE IN
Table 10-2.
Read Sector Lockdown Register – Output Data
Output Data
Sector Lockdown Register Value
00h
Sector Lockdown Register value is 0 (sector is not locked down).
FFh
Sector Lockdown Register value is 1 (sector is permanently locked down).
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110101
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
AAAA
AAA
A A
MSB
XXXXXXX X
MSB
MSB
DDDDDDD D
D
D
ADDRESS BITS A23-A0
DON'T CARE
DATA BYTE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com