Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25DF641A Datasheet HTML 1Page - ATMEL Corporation AT25DF641A Datasheet HTML 2Page - ATMEL Corporation AT25DF641A Datasheet HTML 3Page - ATMEL Corporation AT25DF641A Datasheet HTML 4Page - ATMEL Corporation AT25DF641A Datasheet HTML 5Page - ATMEL Corporation AT25DF641A Datasheet HTML 6Page - ATMEL Corporation AT25DF641A Datasheet HTML 7Page - ATMEL Corporation AT25DF641A Datasheet HTML 8Page - ATMEL Corporation AT25DF641A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
5
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
3.
Block Diagram
Figure 3-1.
Block Diagram
4.
Memory Array
To provide the greatest flexibility, the memory array of the Atmel® AT25DF641A can be erased
in four levels of granularity including a full chip erase. In addition, the array has been divided into
physical sectors of uniform size, of which each sector can be individually protected from pro-
gram and erase operations. The size of the physical sectors is optimized for both code and data
storage applications, allowing both code and data segments to reside in their own isolated
regions. The Memory Architecture Diagram illustrates the breakdown of each erase level as well
as the breakdown of each physical sector.
FLASH
MEMORY
ARRAY
Y-GATING
CS
SCK
SO (SOI)
SI (SIO)
Y-DECODER
X-DECODER
I/O BUFFERS
AND LATCHES
CONTROL AND
PROTECTION LOGIC
SRAM
DATA BUFFER
WP
INTERFACE
CONTROL
AND
LOGIC
HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com