Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 29Page - ATMEL Corporation AT25DF641A Datasheet HTML 30Page - ATMEL Corporation AT25DF641A Datasheet HTML 31Page - ATMEL Corporation AT25DF641A Datasheet HTML 32Page - ATMEL Corporation AT25DF641A Datasheet HTML 33Page - ATMEL Corporation AT25DF641A Datasheet HTML 34Page - ATMEL Corporation AT25DF641A Datasheet HTML 35Page - ATMEL Corporation AT25DF641A Datasheet HTML 36Page - ATMEL Corporation AT25DF641A Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
33
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
10.5
Read OTP Security Register
The OTP Security Register can be sequentially read in a similar fashion to the Read Array oper-
ation up to the maximum clock frequency specified by f
MAX. To read the OTP Security Register,
the CS pin must first be asserted and the opcode of 77h must be clocked into the device. After
the opcode has been clocked in, the three address bytes must be clocked in to specify the start-
ing address location of the first byte to read within the OTP Security Register. Following the
three address bytes, two dummy bytes must be clocked into the device before data can be
output.
After the three address bytes and the dummy bytes have been clocked in, additional clock
cycles will result in OTP Security Register data being output on the SO pin. When the last byte
(00007Fh) of the OTP Security Register has been read, the device will continue reading back at
the beginning of the register (000000h). No delays will be incurred when wrapping around from
the end of the register to the beginning of the register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-imped-
ance state. The CS pin can be deasserted at any time and does not require that a full byte of
data be read.
Figure 10-5. Read OTP Security Register
11. Status Register Commands
11.1
Read Status Register
The 2-byte Status Register can be read to determine the device’s ready/busy status, as well as
the status of many other functions such as Hardware Locking and Software Protection. The Sta-
tus Register can be read at any time, including during an internally self-timed program or erase
operation.
To read the Status Register, the CS pin must first be asserted and the opcode of 05h must be
clocked into the device. After the opcode has been clocked in, the device will begin outputting
Status Register data on the SO pin during every subsequent clock cycle. After the second byte
of the Status Register has been clocked out, the sequence will repeat itself starting again with
the first byte of the Status Register as long as the CS pin remains asserted and the clock pin is
being pulsed. The data in the Status Register is constantly being updated, so each repeating
sequence will output new data. The RDY/BSY status is available for both bytes of the Status
Register and is updated for each byte.
SCK
CS
SI
SO
MSB
MSB
23
1
0
01110111
67
5
410 11
9
812
33
36
35
34
31 32
29 30
OPCODE
AAAA
AAA
A AX X X
MSB
MSB
DDDDDDD D
D
D
ADDRESS BITS A23-A0
MSB
XXXXX X
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com