Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 2Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 3Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 4Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 5Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 6Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 7Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 8Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 9Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN6802.2
August 31, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+6V
All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to VCC + 0.3V
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Ambient Temperature
ISL6334DCRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
ISL6334DIRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Notes 4, 5)
θJA (°C/W) θJC (°C/W)
40 Ld 6x6 QFN Package . . . . . . . . . . .
32
2
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Operating Conditions: VCC = 5V, Unless Otherwise Specified. Boldface limits apply over the operating
temperature ranges, -40°C to +85°C or 0°C to +70°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS
VCC SUPPLY CURRENT
Nominal Supply
VCC = 5VDC; EN_PWR = 5VDC; RT = 100kΩ,
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 80µA
-16
20
mA
Shutdown Supply
VCC = 5VDC; EN_PWR = 0VDC; RT = 100kΩ
-14
17
mA
POWER-ON RESET AND ENABLE
VCC Rising POR Threshold
4.3
4.4
4.5
V
VCC Falling POR Threshold
3.75
3.88
4.0
V
EN_PWR Rising Threshold
0.875
0.897
0.920
V
EN_PWR Falling Threshold
0.735
0.752
0.770
V
EN_VTT Rising Threshold
0.875
0.897
0.920
V
EN_VTT Falling Threshold
0.735
0.752
0.770
V
REFERENCE VOLTAGE AND DAC
System Accuracy of ISL6334DCRZ
(VID = 1V to 1.6V, TJ = 0°C to +70°C)
(Note 7, Closed-Loop)
-0.5
-
0.5
%VID
System Accuracy of ISL6334DCRZ
(VID = 0.5V to 1V, TJ = 0°C to +70°C)
(Note 7, Closed-Loop)
-5
-
5
mV
System Accuracy of ISL6334DIRZ
(VID = 1V to 1.6V, TJ = -40°C to +85°C)
(Note 7, Closed-Loop)
-0.6
-
0.6
%VID
System Accuracy of ISL6334DIRZ
(VID = 0.8V to 1V, TJ = -40°C to +85°C)
(Note 7, Closed-Loop)
-6
-
6
mV
System Accuracy of ISL6334DIRZ
(VID = 0.5V to 0.8V, TJ = -40°C to +85°C)
(Note 7, Closed-Loop)
-7
-
7
mV
VID Pull-up
After tD3
30
40
50
µA
VID Input Low Level
-
-
0.4
V
VID Input High Level
0.8
-
-
V
Max DAC Source Current
3.5
-
-
mA
Max DAC Sink Current
100
-
-
µA
Max REF Source/Sink Current
(Note 8)
50
-
-
µA
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com