Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 24 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 24 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 20Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 21Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 22Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 23Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 24Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 25Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 26Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 27Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 28Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
FN6802.2
August 31, 2010
the power stage, since the DC resistance of the current
sense element may be changed according to the operational
temperature. RX in Equation 27 should be the maximum DC
resistance of the current sense element at the all operational
temperature.
In certain circumstances, it may be necessary to adjust the
value of one or more ISEN resistors. When the components
of one or more channels are inhibited from effectively
dissipating their heat so that the affected channels run hotter
than desired, choose new, smaller values of RISEN for the
affected phases (see the section entitled “Voltage
Regulation” on page 13). Choose RISEN,2 in proportion to the
desired decrease in temperature rise in order to cause
proportionally less current to flow in the hotter phase, as
shown in Equation 28:
In Equation 28, make sure that
ΔT2 is the desired temperature
rise above the ambient temperature, and
ΔT1 is the measured
temperature rise above the ambient temperature. While a
single adjustment according to Equation 28 is usually
sufficient, it may occasionally be necessary to adjust RISEN
two or more times to achieve optimal thermal balance
between all channels.
Compensation
The ISL6334D converter can be accurately modeled as a
voltage-mode regulator with two poles at the L-C resonant
frequency and a zero at the ESR frequency. A type III
controller, as shown in Figure 17, provides the necessary
compensation.
The first step is to choose the desired bandwidth, f0, of the
compensated system. Choose a frequency high enough to
assure adequate transient performance but not higher than
1/3 of the switching frequency. The type III compensator has
an extra high-frequency pole, fHF. This pole can be used for
added noise rejection or to assure adequate attenuation at
the error-amplifier high-order pole and zero frequencies. A
good general rule is to choose fHF = 10f0, but it can be
higher if desired. Choosing fHF to be lower than 10f0 can
cause problems with too much phase shift below the system
bandwidth.
In the solutions to the compensation equations, there is a
single degree of freedom. For the solutions presented in
Equation 29, RFB can be arbitrarily chosen as 1kΩ to 2kΩ.
The remaining compensation components are then selected.
In Equation 29, L is the per-channel filter inductance divided
by the number of active channels; C is the sum total of all
output capacitors; ESR is the equivalent-series resistance of
the bulk output-filter capacitance; and VP-P is the
peak-to-peak sawtooth signal amplitude, typically 1.5V.
Output Filter Design
The output inductors and the output capacitor bank together
to form a low-pass filter responsible for smoothing the
pulsating voltage at the phase nodes. The output filter also
must provide the transient energy until the regulator can
respond. Because it has a low bandwidth compared to the
switching frequency, the output filter necessarily limits the
system transient response. The output capacitor must
supply or sink load current while the current in the output
inductors increases or decreases to meet the demand.
In high-speed converters, the output capacitor bank is usually
the most costly (and often the largest) part of the circuit.
Output filter design begins with minimizing the cost of this part
of the circuit. The critical load parameters in choosing the
output capacitors are the maximum size of the load step,
ΔI;
the load-current slew rate, di/dt; and the maximum allowable
output-voltage deviation under transient loading,
ΔVMAX.
Capacitors are characterized according to their capacitance,
ESR, and ESL (equivalent series inductance).
At the beginning of the load transient, the output capacitors
supply all of the transient current. The output voltage will initially
deviate by an amount approximated by the voltage drop across
the ESL. As the load current increases, the voltage drop across
the ESR increases linearly until the load current reaches its final
RISEN 2,
RISEN
ΔT
2
ΔT
1
----------
=
(EQ. 28)
FIGURE 17. COMPENSATION CIRCUIT
ISL6333
COMP
CC
RC
RFB
FB
VSEN
C2
C1
R1
CC
VIN 2 π fHF LC
⋅
1
–
⋅⋅
⋅
()
⋅
2
π
⋅
()2 f
0 fHF
LC
⋅
() R
FB VP-P
⋅⋅
⋅
⋅
⋅
-----------------------------------------------------------------------------------------------------
=
RC
VPP 2π
⎝⎠
⎛⎞
⋅
2
f0 fHF LCRFB
⋅⋅
⋅ ⋅ ⋅
VIN 2 π fHF LC
⋅
1
–
⋅⋅
⋅
()
⋅
-----------------------------------------------------------------------------------------
=
R1
RFB
CESR
⋅
LC
⋅
C ESR
⋅
–
--------------------------------------------
⋅
=
C1
LC
⋅
C ESR
⋅
–
RFB
--------------------------------------------
=
C2
VIN
2
π
⋅
()2 f
0 fHF
LC
⋅
() R
FB VP-P
⋅⋅
⋅
⋅
⋅
-----------------------------------------------------------------------------------------------------
=
(EQ. 29)
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com