Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 20 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 20 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 16Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 17Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 18Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 19Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 20Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 21Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 22Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 23Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 24Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
FN6802.2
August 31, 2010
energy delivered during trip-retry cycling is much less than
during full-load operation, so there is no thermal hazard
during this kind of operation.
For the individual channel overcurrent protection, ISL6334D
continuously compares the sensed current signal of each
channel with the 129µA reference current. If one channel
current exceeds the reference current, ISL6334D will pull
PWM signal of this channel to low for the rest of the
switching cycle. This PWM signal can be turned on next
cycle if the sensed channel current is less than the 129µA
reference current. The peak current limit of individual
channel will not trigger the converter to shutdown.
Thermal Monitoring (VR_HOT/VR_FAN)
There are two thermal signals to indicate the temperature
status of the voltage regulator: VR_HOT and VR_FAN. Both
VR_FAN and VR_HOT pins are open-drain outputs, and
external pull-up resistors are required. Those signals are
valid only after the controller is enabled.
The VR_FAN signal indicates that the temperature of the
voltage regulator is high and more cooling airflow is needed.
The VR_HOT signal can be used to inform the system that
the temperature of the voltage regulator is too high and the
CPU should reduce its power consumption. The VR_HOT
signal may be tied to the CPU’s PROC_HOT signal.
The diagram of thermal monitoring function block is shown in
Figure 12. One NTC resistor should be placed close to the
power stage of the voltage regulator to sense the operational
temperature, and one pull-up resistor is needed to form the
voltage divider for the TM pin. As the temperature of the
power stage increases, the resistance of the NTC will
reduce, resulting in the reduced voltage at the TM pin.
Figure 13 shows the TM voltage over the temperature for a
typical design with a recommended 6.8k
Ω NTC (P/N:
NTHS0805N02N6801 from Vishay) and 1k
Ω resistor RTM1.
We recommend using those resistors for the accurate
temperature compensation.
There are two comparators with hysteresis to compare the
TM pin voltage to the fixed thresholds for VR_FAN and
VR_HOT signals respectively. The VR_FAN signal is set to
high when the TM voltage is lower than 39.1% of VCC
voltage, and is pulled to GND when the TM voltage
increases to above 45.1% of VCC voltage. The VR_FAN
signal is set to high when the TM voltage goes below 33.3%
of VCC voltage, and is pulled to GND when the TM voltage
goes back to above 39.1% of VCC voltage. Figure 14 shows
the operation of those signals.
0A
0V
2ms/DIV
OUTPUT CURRENT
FIGURE 11. OVERCURRENT BEHAVIOR IN HICCUP MODE.
FSW = 500kHz
OUTPUT VOLTAGE
FIGURE 12. BLOCK DIAGRAM OF THERMAL MONITORING
FUNCTION
0.333VCC
0.391VCC
° C
R
TM1
R
NTC
VCC
TM
VR_FAN
VR_HOT
FIGURE 13. THE RATIO OF TM VOLTAGE TO NTC
TEMPERATURE WITH RECOMMENDED PARTS
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com