Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 14Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 15Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 16Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 17Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 18Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 19Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 20Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 21Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
FN6802.2
August 31, 2010
Soft-Start
ISL6334D based VR has 4 periods during soft-start, as shown
in Figure 9. After VCC, EN_VTT and EN_PWR reach their
POR/enable thresholds, the controller will have a fixed delay
period tD1. After this delay period, the VR will begin first
soft-start ramp until the output voltage reaches 1.1V VBOOT
voltage. Then, the controller will regulate the VR voltage at 1.1V
for another fixed period tD3. At the end of tD3 period, ISL6334D
reads the VID signals. If the VID code is valid, ISL6334D will
initiate the second soft-start ramp until the voltage reaches the
VID voltage minus offset voltage.
The soft-start time is the sum of the 4 periods, as shown in
Equation 11.
tD1 is a fixed delay with the typical value as 1.36ms. tD3 is
determined by the fixed 85µs plus the time to obtain valid
VID voltage. If the VID is valid before the output reaches the
1.1V, the minimum time to validate the VID input is 500ns.
Therefore, the minimum tD3 is about 86µs.
During tD2 and tD4, ISL6334D digitally controls the DAC
voltage change at 6.25mV per step. The time for each step is
determined by the frequency of the soft-start oscillator, which
is defined by the resistor RSS from SS pin to GND. The
second soft-start ramp time tD2 and tD4 can be calculated
based on Equations 12 and 13:
For example, when VID is set to 1.5V and the RSS is set at
100k
Ω, the first soft-start ramp time tD2 will be 704µs and the
second soft-start ramp time tD4 will be 256µs.
After the DAC voltage reaches the final VID setting,
VR_RDY will be set to high with the fixed delay tD5. The
typical value for tD5 is 85µs. Before the VR_RDY is
released, the controller disregards the PSI# input and
always operates in normal CCM PWM mode.
Current Sense Output
The current flowing out of the IMON pin is equal to the
sensed average current inside ISL6334D. In typical
applications, a resistor is placed from the IMON pin to GND
to generate a voltage, which is proportional to the load
current and the resistor value, as shown in Equation 14:
where VIMON is the voltage at the IMON pin, RIOUT is the
resistor between the IMON pin and GND, ILOAD is the total
output current of the converter, RISEN is the sense resistor
connected to the ISEN+ pin, N is the active channel number,
and RX is the DC resistance of the current sense element,
either the DCR of the inductor or RSENSE depending on the
sensing method.
The resistor from the IMON pin to GND should be chosen to
ensure that the voltage at the IMON pin is less than 1.11V
under the maximum load current. If the IMON pin voltage is
higher than 1.11V, overcurrent shutdown will be triggered, as
described in “Overcurrent Protection” on page 19.
A small capacitor can be placed between the IMON pin and
GND to reduce the noise impact. If this pin is not used, tie it
to GND.
FIGURE 8. POWER SEQUENCING USING THRESHOLD
SENSITIVE ENABLE (EN) FUNCTION
-
+
0.875V
EXTERNAL CIRCUIT
ISL6334D INTERNAL CIRCUIT
EN_PWR
+12V
POR
CIRCUIT
100k
Ω
9.1k
Ω
ENABLE
COMPARATOR
SOFT-START
AND
FAULT LOGIC
EN_VTT
VCC
+
-
0.875V
tSS
tD1 tD2 tD3 tD4
++
+
=
(EQ. 11)
tD2
1.1xRSS
6.25x25
------------------------
μs
()
=
(EQ. 12)
tD4
VVID 1.1
–
()xR
SS
6.25x25
------------------------------------------------
μs
()
=
(EQ. 13)
FIGURE 9. SOFT-START WAVEFORMS
VOUT, 500mV/DIV
EN_VTT
500µs/DIV
tD3 tD4 tD5
VR_RDY
tD1
tD2
VIMON
RIOUT
N
-------------------
RX
RISEN
------------------ILOAD
=
(EQ. 14)
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com