Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 8Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 9Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 10Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 11Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 12Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 13Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 14Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 15Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
FN6802.2
August 31, 2010
When PSI# is asserted low, indicating the low power mode
operation of the processor, the controller drops the number of
active phases according to the logic on Table 1 for highlight
load efficiency performance. SS and FS pins are used to
program the controller in operation of non-coupled, 2-phase
coupled, or (n-x)-Phase coupled inductors. Different cases yield
different PWM output behaviors on both dropped phase(s) and
remained phase(s) as PSI# is asserted and de-asserted. A high
PSI# input signal pulls the controller back to normal CCM PWM
operation to sustain an immediate heavy transient load and
high efficiency. Note that “n-x” means n-x phase coupled and
x-phase(s) are uncoupled.
While the controller is operational (VCC above POR,
EN_VTT and EN_PWR are both high, valid VID inputs), it
can pull the PWM pins to ~40% of VCC (~2V for 5V VCC
bias) during various stages, such as soft-start delay, phase
shedding operation, or fault conditions (OC or OV events).
The matching driver's internal PWM resistor divider can
further raise the PWM potential, but not lower it below the
level set by the controller IC. Therefore, the controller's
PWM outputs are directly compatible with Intersil drivers that
require 5V PWM signal amplitudes. Drivers requiring 3.3V
PWM signal amplitudes are generally incompatible.
Switching Frequency
Switching frequency is determined by the selection of the
frequency-setting resistor, RT, which is connected from FS
pin to GND or VCC. Equation 3 and Figure 3 are provided to
assist in selecting the correct resistor value.
where FSW is the switching frequency of each phase.
Current Sensing
The ISL6334D senses current continuously for fast
response. The ISL6334D supports inductor DCR sensing, or
resistive sensing techniques. The associated channel
current sense amplifier uses the ISEN inputs to reproduce a
signal proportional to the inductor current, IL. The sense
current, ISEN, is proportional to the inductor current. The
sensed current is used for current balance and overcurrent
protection.
The internal circuitry, shown in Figures 4 and 5, represents
one channel of an N-channel converter. This circuitry is
repeated for each channel in the converter, but may not be
active depending on the status of the PWM2, PWM3 and
PWM4 pins, as described in “PWM and PSI# Operation” on
page 11. The input bias current of the current sensing
amplifier is typically 60nA; less than 5k
Ω input impedance is
preferred to minimized the offset error.
INDUCTOR DCR SENSING
An inductor’s winding is characteristic of a distributed
resistance, as measured by the DCR (Direct Current
Resistance) parameter. Consider the inductor DCR as a
separate lumped quantity, as shown in Figure 4. The
channel current IL, flowing through the inductor, will also
pass through the DCR. Equation 4 shows the S-domain
equivalent voltage across the inductor VL.
TABLE 1. PSI# OPERATION DECODING
PSI#
FS
SS
Non CI or (n-1) CI Drops to 1-phase
0
0
0
Non CI or (n-2) CI Drops to 2-phase
0
0
1
2-phase CI Drops to 1-phase
0
1
0
2-phase CI Drops to 2-phase
0
1
1
Normal CCM PWM Mode
1
x
x
(EQ. 3)
RT
2.5X10
10
FSW
--------------------------
=
FIGURE 3. SWITCHING FREQUENCY vs RT
250
200
150
100
50
0
100k 200k 300k 400k 500k 600k 700k 800k 900k 1M
SWITCHING FREQUENCY (Hz)
VL s
()
IL sL DCR
+
⋅
()
⋅
=
(EQ. 4)
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com