Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 10Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 11Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 12Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 13Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 14Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 15Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 16Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 17Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
FN6802.2
August 31, 2010
the error in the reference voltage (output of the DAC) and
offset errors in the OFS current source, remote-sense and
error amplifiers. Intersil specifies the guaranteed tolerance of
the ISL6334D to include the combined tolerances of each of
these elements.
The output of the error amplifier, VCOMP, is compared to
sawtooth waveforms to generate the PWM signals. The
PWM signals control the timing of the Intersil MOSFET
drivers and regulate the converter output to the specified
reference voltage. The internal and external circuitry, which
control voltage regulation, are illustrated in Figure 6.
The ISL6334D incorporates an internal differential remote
sense amplifier in the feedback path. The amplifier removes
the voltage error encountered when measuring the output
voltage relative to the local controller ground reference point,
resulting in a more accurate means of sensing output
voltage. Connect the microprocessor sense pins to the
non-inverting input, VSEN, and inverting input, RGND, of the
remote-sense amplifier. The remote-sense output, VDIFF, is
connected to the inverting input of the error amplifier through
an external resistor.
A digital-to-analog converter (DAC) generates a reference
voltage based on the state of logic signals at pins VID7
through VID0. The DAC decodes the eight 6-bit logic signal
(VID) into one of the discrete voltages shown in Table 2. All
VID pins have no internal pull-up current sources after tD3.
After tD3, each VID input offers a minimum 30µA pull-up to
an internal 2.5V source for use with open-drain outputs. The
pull-up current diminishes to zero above the logic threshold
to protect voltage-sensitive output devices. External pull-up
resistors can augment the pull-up current sources in case
leakage into the driving device is greater than 30µA.
FIGURE 6. OUTPUT VOLTAGE REGULATION LOOP
EXTERNAL CIRCUIT ISL6334D INTERNAL CIRCUIT
COMP
RC
RFB
FB
VDIFF
VSEN
RGND
ERROR AMPLIFIER
-
+
VOUT+
DIFFERENTIAL
REMOTE-SENSE
AMPLIFIER
VCOMP
CC
REF
DAC
RREF
CREF
-
+
VOUT-
TABLE 2. VR11 VID 8-BIT
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0 VOLTAGE
0
0000
000
OFF
0
0000
001
OFF
0
0000
010
1.60000
0
0000
011
1.59375
0
0000
100
1.58750
0
0000
101
1.58125
0
0000
110
1.57500
0
0000
111
1.56875
0
0001
000
1.56250
0
0001
001
1.55625
0
0001
010
1.55000
0
0001
011
1.54375
0
0001
100
1.53750
0
0001
101
1.53125
0
0001
110
1.52500
0
0001
111
1.51875
0
0010
000
1.51250
0
0010
001
1.50625
0
0010
010
1.50000
0
0010
011
1.49375
0
0010
100
1.48750
0
0010
101
1.48125
0
0010
110
1.47500
0
0010
111
1.46875
0
0011
000
1.46250
0
0011
001
1.45625
0
0011
010
1.45000
0
0011
011
1.44375
0
0011
100
1.43750
0
0011
101
1.43125
0
0011
110
1.42500
0
0011
111
1.41875
0
0100
000
1.41250
0
0100
001
1.40625
0
0100
010
1.40000
0
0100
011
1.39375
0
0100
100
1.38750
0
0100
101
1.38125
0
0100
110
1.37500
0
0100
111
1.36875
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com