Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 12Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 13Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 14Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 15Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 16Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 17Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 18Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 19Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
FN6802.2
August 31, 2010
Output-Voltage Offset Programming
The ISL6334D allows the designer to accurately adjust the
offset voltage. When a resistor, ROFS, is connected between
OFS to VCC, the voltage across it is regulated to 1.6V. This
causes a proportional current (IOFS) to flow into OFS. If
ROFS is connected to ground, the voltage across it is
regulated to 0.4V, and IOFS flows out of OFS. A resistor
between DAC and REF, RREF, is selected so that the
product (IOFS x ROFS) is equal to the desired offset voltage.
These functions are shown in Figure 7.
0
1
1
1
1
0
0
0
0.86250
0
1
1
1
1
0
0
1
0.85625
0
1
1
1
1
0
1
0
0.85000
0
1
1
1
1
0
1
1
0.84375
0
1
1
1
1
1
0
0
0.83750
0
1
1
1
1
1
0
1
0.83125
0
1
1
1
1
1
1
0
0.82500
0
1
1
1
1
1
1
1
0.81875
1
0
0
0
0
0
0
0
0.81250
1
0
0
0
0
0
0
1
0.80625
1
0
0
0
0
0
1
0
0.80000
1
0
0
0
0
0
1
1
0.79375
1
0
0
0
0
1
0
0
0.78750
1
0
0
0
0
1
0
1
0.78125
1
0
0
0
0
1
1
0
0.77500
1
0
0
0
0
1
1
1
0.76875
1
0
0
0
1
0
0
0
0.76250
1
0
0
0
1
0
0
1
0.75625
1
0
0
0
1
0
1
0
0.75000
1
0
0
0
1
0
1
1
0.74375
1
0
0
0
1
1
0
0
0.73750
1
0
0
0
1
1
0
1
0.73125
1
0
0
0
1
1
1
0
0.72500
1
0
0
0
1
1
1
1
0.71875
1
0
0
1
0
0
0
0
0.71250
1
0
0
1
0
0
0
1
0.70625
1
0
0
1
0
0
1
0
0.70000
1
0
0
1
0
0
1
1
0.69375
1
0
0
1
0
1
0
0
0.68750
1
0
0
1
0
1
0
1
0.68125
1
0
0
1
0
1
1
0
0.67500
1
0
0
1
0
1
1
1
0.66875
1
0
0
1
1
0
0
0
0.66250
1
0
0
1
1
0
0
1
0.65625
1
0
0
1
1
0
1
0
0.65000
1
0
0
1
1
0
1
1
0.64375
1
0
0
1
1
1
0
0
0.63750
1
0
0
1
1
1
0
1
0.63125
1
0
0
1
1
1
1
0
0.62500
1
0
0
1
1
1
1
1
0.61875
TABLE 2. VR11 VID 8-BIT (Continued)
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0 VOLTAGE
1
0100
000
0.61250
1
0100
001
0.60625
1
0100
010
0.60000
1
0100
011
0.59375
1
0100
100
0.58750
1
0100
101
0.58125
1
0100
110
0.57500
1
0100
111
0.56875
1
0101
000
0.56250
1
0101
001
0.55625
1
0101
010
0.55000
1
0101
011
0.54375
1
0101
100
0.53750
1
0101
101
0.53125
1
0101
110
0.52500
1
0101
111
0.51875
1
0110
000
0.51250
1
0110
001
0.50625
1
0110
010
0.50000
1
1111
110
OFF
1
1111
111
OFF
TABLE 2. VR11 VID 8-BIT (Continued)
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0 VOLTAGE
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com