Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 7Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 8Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 9Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 10Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 11Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 12Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 13Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 14Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
FN6802.2
August 31, 2010
To understand the reduction of ripple current amplitude in the
multiphase circuit, examine Equation 1, which represents an
individual channel’s peak-to-peak inductor current.
In Equation 1, VIN and VOUT are the input and output
voltages respectively, L is the single-channel inductor value,
and FSW is the switching frequency.
The output capacitors conduct the ripple component of the
inductor current. In the case of multiphase converters, the
capacitor current is the sum of the ripple currents from each
of the individual channels. Compare Equation 1 to the
expression for the peak-to-peak current after the summation
of N symmetrically phase-shifted inductor currents in
Equation 2. Peak-to-peak ripple current decreases by an
amount proportional to the number of channels. Output
voltage ripple is a function of capacitance, capacitor
equivalent series resistance (ESR), and inductor ripple
current. Reducing the inductor ripple current allows the
designer to use fewer or less costly output capacitors.
Another benefit of interleaving is to reduce input ripple
current. Input capacitance is determined in part by the
maximum input ripple current. Multiphase topologies can
improve overall system cost and size by lowering input ripple
current and allowing the designer to reduce the cost of input
capacitance. The example in Figure 2 illustrates input
currents from a three-phase converter combining to reduce
the total input ripple current.
The converter depicted in Figure 2 delivers 36A to a 1.5V load
from a 12V input. The RMS input capacitor current is 5.9A.
Compare this to a single-phase converter also stepping down
12V to 1.5V at 36A. The single-phase converter has 11.9ARMS
input capacitor current. The single-phase converter must use
an input capacitor bank with twice the RMS current capacity as
the equivalent three-phase converter.
Figures 18, 19 and 20 in the section entitled “Input Capacitor
Selection” on page 25 can be used to determine the input
capacitor RMS current based on load current, duty cycle,
and the number of channels. They are provided as aids in
determining the optimal input capacitor solution. Figure 21
shows the single phase input-capacitor RMS current for
comparison.
PWM Modulation Scheme
The ISL6334D adopts Intersil's proprietary Active Pulse
Positioning (APP) modulation scheme to improve transient
performance. APP control is a unique dual-edge PWM
modulation scheme with both PWM leading and trailing
edges being independently moved to give the best response
to transient loads. The PWM frequency, however, is constant
and set by the external resistor between the FS pin and
GND. To further improve the transient response, the
ISL6334D also implements Intersil's proprietary Adaptive
Phase Alignment (APA) technique. APA, with sufficiently
large load step currents, can turn on all phases together.
With both APP and APA control, ISL6334D can achieve
excellent transient performance and reduce demand on the
output capacitors.
Under steady state conditions, the operation of the
ISL6334D PWM modulators appear to be that of a
conventional trailing edge modulator. Conventional analysis
and design methods can therefore be used for steady state
and small signal operation.
PWM and PSI# Operation
The timing of each channel is set by the number of active
channels. The default channel setting for the ISL6334D is
four. The switching cycle is defined as the time between
PWM pulse termination signals of each channel. The cycle
time of the pulse signal is the inverse of the switching
frequency set by the resistor between the FS pin and
ground. The PWM signals command the MOSFET driver to
turn on/off the channel MOSFETs.
For 4-channel operation, the channel firing order is 1-2-3-4:
PWM3 pulse happens 1/4 of a cycle after PWM4, PWM2
output follows another 1/4 of a cycle after PWM3, and
PWM1 delays another 1/4 of a cycle after PWM2. For
3-channel operation, the channel firing order is 1-2-3.
Connecting PWM4 to VCC selects three channel operation
and the pulse times are spaced in 1/3 cycle increments. If
PWM3 is connected to VCC, two channel operation is
selected and the PWM2 pulse happens 1/2 of a cycle after
PWM1 pulse. If PWM2 is connected to VCC, only Channel 1
operation is selected. In addition, tie PSI# to GND to
configure for single or 2-phase operation, Channel 1 or
Channels 1 and 3.
IPP
VIN VOUT
–
() V
OUT
LFSW VIN
------------------------------------------------------
=
(EQ. 1)
FIGURE 2. CHANNEL INPUT CURRENTS AND INPUT-
CAPACITOR RMS CURRENT FOR 3-PHASE
CONVERTER
CHANNEL 3
INPUT CURRENT
10A/DIV
CHANNEL 2
INPUT CURRENT
10A/DIV
CHANNEL 1
INPUT CURRENT
10A/DIV
INPUT-CAPACITOR CURRENT, 10A/DIV
1µs/DIV
ICPP
,
VIN NVOUT
–
() V
OUT
LfS VIN
------------------------------------------------------------
=
(EQ. 2)
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com