Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 13Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 14Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 15Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 16Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 17Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 18Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 19Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 20Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
FN6802.2
August 31, 2010
Once the desired output offset voltage has been determined,
use Equations 8 and 9 to calculate ROFS:
For Positive Offset (connect ROFS to VCC):
For Negative Offset (connect ROFS to GND):
Dynamic VID
Modern microprocessors need to make changes to their
core voltage as part of normal operation. They direct the
core-voltage regulator to do this by making changes to the
VID inputs during regulator operation. The power
management solution is required to monitor the DAC inputs
and respond to on-the-fly VID changes in a controlled
manner. Supervising the safe output voltage transition within
the DAC range of the processor without discontinuity or
disruption is a necessary function of the core-voltage
regulator.
In order to ensure the smooth transition of output voltage
during VID change, a VID step change smoothing network,
composed of RREF and CREF, as shown in Figure 7, can be
used. The selection of RREF is based on the desired offset
voltage, as detailed in “Output-Voltage Offset Programming”
on page 16. The selection of CREF is based on the time
duration for 1-bit VID change and the allowable delay time.
Assuming the microprocessor controls the VID change at
1-bit every tVID, the relationship between the time constant
of RREF and CREF network and tVID is given by Equation 10.
During dynamic VID transition and VID step-up, the
overcurrent trip point increases by 140% to avoid falsely
triggering OCP circuits, while the overvoltage trip point is set
to its maximum VID OVP trip level. If the dynamic VID occurs
at PSI# asserted, the system should exit PSI# and complete
the transition, and then resume PSI# operation 50µs after
the transition.
Operation Initialization
Prior to converter initialization, proper conditions must exist
on the enable inputs and VCC. When the conditions are met,
the controller begins soft-start. Once the output voltage is
within the proper window of operation, VR_RDY asserts
logic high.
Enable and Disable
While in shutdown mode, the PWM outputs are held in a
high-impedance state to assure the drivers remain off. The
following input conditions must be met before the ISL6334D
is released from shutdown mode.
1. The bias voltage applied at VCC must reach the internal
power-on reset (POR) rising threshold. Once this
threshold is reached, proper operation of all aspects of
the ISL6334D are guaranteed. Hysteresis between the
rising and falling thresholds assure that once enabled,
ISL6334D will not inadvertently turn off unless the bias
voltage drops substantially (see “Electrical
Specifications” table beginning on page 6).
2. The ISL6334D features an enable input (EN_PWR) for
power sequencing between the controller bias voltage
and another voltage rail. The enable comparator holds
the ISL6334D in shutdown until the voltage at EN_PWR
rises above 0.875V. The enable comparator has about
130mV of hysteresis to prevent bounce. It is important
that the driver reaches its POR level before the ISL6334D
becomes enabled. The schematic in Figure 8
demonstrates sequencing the ISL6334D with the
ISL66xx family of Intersil MOSFET drivers, which require
12V bias.
3. The voltage on EN_VTT must be higher than 0.875V to
enable the controller. This pin is typically connected to the
output of VTT VR.
When all conditions previously mentioned are satisfied,
ISL6334D begins the soft-start and ramps the output voltage
to 1.1V first. After remaining at 1.1V for some time, ISL6334D
reads the VID code at VID input pins. If the VID code is valid,
ISL6334D will regulate the output to the final VID setting. If the
VID code is OFF code, ISL6334D will shut down, and cycling
VCC, EN_PWR or EN_VTT is needed to restart.
DYNAMIC
VID D/A
E/A
VCC
DAC
FB
REF
OFS
VCC
GND
+
-
+
-
0.4V
1.6V
OR
GND
ROFS
RREF
ISL6334D
FIGURE 7. OUTPUT VOLTAGE OFFSET PROGRAMMING
CREF
ROFS
1.6 RREF
×
VOFFSET
------------------------------
=
(EQ. 8)
ROFS
0.4 RREF
×
VOFFSET
------------------------------
=
(EQ. 9)
CREF RREF
tVID
=
(EQ. 10)
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com