Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 6Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 7Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 8Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 9Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 10Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 11Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 12Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 13Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN6802.2
August 31, 2010
For DCR sensing, connect each ISEN- pin to the node
between the RC sense elements. Tie the ISEN+ pin to the
other end of the sense capacitor through a resistor, RISEN.
The voltage across the sense capacitor is proportional to the
inductor current. Therefore, the sense current is proportional
to the inductor current and scaled by the DCR of the inductor
and RISEN.
To match the time delay of the internal circuit, a capacitor is
needed between each ISEN+ pin and GND, as described in
“Current Sensing” on page 12.
IMON - IMON is the output pin of sensed, thermally
compensated (if internal thermal compensation is used)
average current. The voltage at IMON pin is proportional to
the load current and the resistor value, and internally clamped
to 1.11V plus the remote ground potential difference. If the
clamped voltage (1.11V) is triggered, it will initiate the
overcurrent shutdown. By choosing the proper value for the
resistor at IMON pin, the overcurrent trip level can be set to be
lower than the fixed internal overcurrent threshold. During the
dynamic VID, the OCP function of this pin is disabled to avoid
false triggering. Tie it to GND if not used.
FS - Use this pin to set up the desired switching frequency. A
resistor placed from FS to ground/VCC will set the switching
frequency. The relationship between the value of the resistor
and the switching frequency will be approximated by
Equation 3. This pin is also used with SS and PSI# pins for
phase dropping decoding. See Table 1.
SS - Use this pin to set up the desired start-up oscillator
frequency. A resistor placed from SS to ground/VCC will set
up the soft-start ramp rate. The relationship between the
value of the resistor and the soft-start ramp-up time will be
approximated by Equations 12 and 13. This pin is also used
with FS and PSI# pins for phase dropping decoding. See
Table 1.
VID7, VID6, VID5, VID4, VID3, VID2, VID1 and VID0 -
These are the inputs to the internal DAC that generate the
reference voltage for output regulation. All VID pins have no
internal pull-up current sources until after TD3. Connect
these pins either to open-drain outputs with external pull-up
resistors or to active-pull-up outputs, as high as VCC plus
0.3V.
PSI# - A low input signal indicates the low power mode
operation of the processor. The controller drops the number
of active phases to single or 2-phase operation, according to
the logic on Table 1 on page 12. The PSI# pin, SS, and FS
pins are used to program the controller in operation of
non-coupled, 2-Phase coupled, or (n-x)-Phase coupled
inductors when PSI# is asserted (active low). Different cases
yield different PWM output behavior on both dropped
phase(s) and remained phase(s) as PSI# is asserted and
de-asserted. A high input signal pulls the controller back to
normal operation.
Operation
Multiphase Power Conversion
Microprocessor load current profiles have changed to the
point that the advantages of multiphase power conversion
are impossible to ignore. The technical challenges
associated with producing a single-phase converter (which
are both cost-effective and thermally viable), have forced a
change to the cost-saving approach of multiphase. The
ISL6334D controller helps reduce the complexity of
implementation by integrating vital functions and requiring
minimal output components. The block diagrams on pages
page 3, 4, and 5 provide top level views of multiphase power
conversion using the ISL6334D controller.
Interleaving
The switching of each channel in a multiphase converter is
timed to be symmetrically out-of-phase with each of the
other channels. In a 3-phase converter, each channel
switches 1/3 cycle after the previous channel and 1/3 cycle
before the following channel. As a result, the 3-phase
converter has a combined ripple frequency 3x greater than
the ripple frequency of any one phase. In addition, the
peak-to-peak amplitude of the combined inductor currents is
reduced in proportion to the number of phases (Equations 1
and 2). Increased ripple frequency and lower ripple
amplitude mean that the designer can use less per-channel
inductance and lower total output capacitance for any
performance specification.
Figure 1 illustrates the multiplicative effect on output ripple
frequency. The three channel currents (IL1, IL2, and IL3)
combine to form the AC ripple current and the DC load
current. The ripple component has 3x the ripple frequency of
each individual channel current. Each PWM pulse is
terminated 1/3 of a cycle after the PWM pulse of the previous
phase. The DC components of the inductor currents combine
to feed the load.
FIGURE 1. PWM AND INDUCTOR-CURRENT WAVEFORMS
FOR 3-PHASE CONVERTER
1µs/DIV
PWM2, 5V/DIV
PWM3, 5V/DIV
IL2, 7A/DIV
IL3, 7A/DIV
IL1 + IL2 + IL3, 7A/DIV
IL1, 7A/DIV
PWM1, 5V/DIV
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com