Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 23 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 23 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 19Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 20Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 21Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 22Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 23Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 24Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 25Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 26Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 27Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
FN6802.2
August 31, 2010
MOSFETs
The choice of MOSFETs depends on the current each
MOSFET will be required to conduct; the switching
frequency; the capability of the MOSFETs to dissipate heat;
and the availability and nature of heat sinking and air flow.
LOWER MOSFET POWER CALCULATION
The calculation for heat dissipated in the lower MOSFET is
simple, since virtually all of the heat loss in the lower
MOSFET is due to current conducted through the channel
resistance (rDS(ON)). In Equation 21, IM is the maximum
continuous output current; IP-P is the peak-to-peak inductor
current (see Equation 1); d is the duty cycle (VOUT/VIN); and
L is the per-channel inductance.
An additional term can be added to the lower-MOSFET loss
equation to account for additional loss accrued during the
dead time when inductor current is flowing through the
lower-MOSFET body diode. This term is dependent on the
diode forward voltage at IM, VD(ON); the switching
frequency, Fsw; and the length of dead times, td1 and td2, at
the beginning and the end of the lower-MOSFET conduction
interval respectively.
Thus the total maximum power dissipated in each lower
MOSFET is approximated by the summation of PLOW,1 and
PLOW,2.
UPPER MOSFET POWER CALCULATION
In addition to rDS(ON) losses, a large portion of the upper
MOSFET losses are due to currents conducted across the
input voltage (VIN) during switching. Since a substantially
higher portion of the upper MOSFET losses are dependent on
switching frequency, the power calculation is more complex.
Upper MOSFET losses can be divided into separate
components involving the upper MOSFET switching times;
the lower MOSFET body-diode reverse-recovery charge, Qrr;
and the upper MOSFET rDS(ON) conduction loss.
When the upper MOSFET turns off, the lower MOSFET does
not conduct any portion of the inductor current until the
voltage at the phase node falls below ground. Once the
lower MOSFET begins conducting, the current in the upper
MOSFET falls to zero as the current in the lower MOSFET
ramps up to assume the full inductor current. In Equation 23,
the required time for this commutation is t1 and the
approximated associated power loss is PUP,1.
At turn-on, the upper MOSFET begins to conduct and this
transition occurs over a time t2. In Equation 24, the
approximate power loss is PUP,2.
A third component involves the lower MOSFET’s reverse
recovery charge, Qrr. Since the inductor current has fully
commutated to the upper MOSFET before the lower
MOSFET’s body diode can draw all of Qrr, it is conducted
through the upper MOSFET across VIN. The power
dissipated as a result is PUP,3 and is approximated in
Equation 25:
Finally, the resistive part of the upper MOSFET’s is given in
Equation 26 as PUP,4.
The total power dissipated by the upper MOSFET at full load
can now be approximated as the summation of the results
from Equations 23, 24, and 25. Since the power equations
depend on MOSFET parameters, choosing the correct
MOSFETs can be an iterative process involving repetitive
solutions to the loss equations for different MOSFETs and
different switching frequencies, as shown in Equation 26.
Current Sensing Resistor
The resistors connected to the ISEN+ pins determine the
gain in the channel-current balance loop and set the
overcurrent trip point. Select values for these resistors by
using Equation 27:
where RISEN is the sense resistor connected to the ISEN+
pin, N is the active channel number, RX is the resistance of
the current sense element, either the DCR of the inductor or
RSENSE depending on the sensing method, and IOCP is the
desired overcurrent trip point. Typically, IOCP can be chosen
to be 1.2x the maximum load current of the specific
application.
With integrated temperature compensation, the sensed
current signal is independent on the operational temperature
of the power stage, i.e. the temperature effect on the current
sense element RX is cancelled by the integrated
temperature compensation function. RX in Equation 27
should be the resistance of the current sense element at the
room temperature.
When the integrated temperature compensation function is
disabled by pulling the TCOMP pin to GND, the sensed
current will be dependent on the operational temperature of
PLOW 1
,
rDS ON
()
IM
N
------
⎝⎠
⎜⎟
⎛⎞ 2
1d
–
()
ILP-P
()
2 1d
–
()
12
------------------------------------
+
=
(EQ. 21)
PLOW 2
,
VDON
() Fsw
IM
N
------
IP-P
2
----------
+
⎝⎠
⎛⎞ t
d1
IM
N
------
IP-P
2
----------
–
⎝⎠
⎜⎟
⎛⎞
td2
+
=
(EQ. 22)
PUP 1, VIN
IM
N
------
IP-P
2
----------
+
⎝⎠
⎛⎞ t1
2
----
⎝⎠
⎜⎟
⎛⎞
fS
≈
(EQ. 23)
PUP 2
,
VIN
IM
N
------
IP-P
2
----------
–
⎝⎠
⎜⎟
⎛⎞ t2
2
----
⎝⎠
⎜⎟
⎛⎞
fS
≈
(EQ. 24)
PUP 3,
VIN Qrr fS
=
(EQ. 25)
PUP 4, rDS ON
()
IM
N
------
⎝⎠
⎜⎟
⎛⎞ 2
d
IP-P
2
12
----------d
+
≈
(EQ. 26)
RISEN
RX
105 10 6
–
×
---------------------------
IOCP
N
--------------
=
(EQ. 27)
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com