Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6334DIRZ Datasheet HTML 1Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 2Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 3Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 4Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 5Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 6Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 7Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 8Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN6802.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008-2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6334D
VR11.1, 4-Phase PWM Controller with
Phase Dropping, Droop Disabled and
Load Current Monitoring Features
The ISL6334D controls voltage regulator by driving up to 4
interleaved synchronous-rectified buck channels in parallel.
This multiphase architecture results in multiplying channel
ripple frequency and reducing input and output ripple currents.
Lower ripple results in fewer components, lower cost, reduced
power dissipation, and smaller implementation area.
Microprocessor loads can generate load transients with
extremely fast edge rates and requires high efficiency at light
load. The ISL6334D utilizes Intersil’s proprietary Active
Pulse Positioning (APP), Adaptive Phase Alignment (APA)
modulation scheme, active phase adding and dropping to
achieve and maintain the extremely fast transient response
with fewer output capacitors and high efficiency from light to
full load.
The ISL6334D is designed to be completely compliant with
Intel VR11.1 specifications. It accurately reports the load
current via IMON pin to the microprocessor, which sends an
active low PSI# signal to the controller at low power mode.
The controller then enters 1- or 2-phase operation with diode
emulation option to reduce magnetic core and switching
losses, yielding high efficiency at light load. After the PSI#
signal is de-asserted, the dropped phase(s) are added back
to sustain heavy load transient response and efficiency.
The ISL6334D senses the output current continuously by
utilizing patented techniques to measure the voltage across the
dedicated current sense resistor or the DCR of the output
inductor. Current sensing circuits also provide the needed
signals for channel-current balancing, average overcurrent
protection and individual phase current limiting. An NTC
thermistor’s temperature is sensed via the TM pin and internally
digitized for thermal monitoring and for integrated thermal
compensation of the current sense elements.
A unity gain, differential amplifier is provided for remote voltage
sensing and completely eliminates any potential difference
between remote and local grounds. This improves regulation
and protection accuracy. The threshold-sensitive enable input is
available to accurately coordinate the start-up of the ISL6334D
with any other voltage rail. Dynamic-VID™ technology allows
seamless on-the-fly VID changes. The offset pin allows
accurate voltage offset settings that are independent of VID
setting.
Features
• Intel VR11.1 Compliant with Droop Disabled
• Proprietary Active Pulse Positioning (APP) and Adaptive
Phase Alignment (APA) Modulation Scheme
• Proprietary Active Phase Adding and Dropping For High
Light Load Efficiency
• Precision Multiphase Core Voltage Regulation
- Differential Remote Voltage Sensing
- ±0.5% Closed-loop System Accuracy Over Load, Line
and Temperature
- Bi-directional, Adjustable Reference-Voltage Offset
• Precision Resistor or DCR Differential Current Sensing
- Accurate Channel-Current Balancing
- Accurate Load Current Monitoring via IMON Pin
• Microprocessor Voltage Identification Input
- Dynamic VID™ Technology for VR11.1 Requirement
- 8-Bit VID, VR11 Compatible
• Average Overcurrent Protection and Channel Current Limit
• Precision Overcurrent Protection on IMON Pin
• Thermal Monitoring and Overvoltage Protection
• Integrated Programmable Temperature Compensation
• Integrated Open Sense Line Protection
• 1- to 4-Phase Operation, Coupled Inductor Compatibility
• Adjustable Switching Frequency up to 1MHz Per Phase
• Package Option
- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
• Pb-Free (RoHS Compliant)
Data Sheet
August 31, 2010


Similar Part No. - ISL6334DIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
530Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
May 28, 2009
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
778Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
November 22, 2013
logo
Renesas Technology Corp
ISL6334DIRZ RENESAS-ISL6334DIRZ Datasheet
1Mb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
More results

Similar Description - ISL6334DIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334D INTERSIL-ISL6334D_09 Datasheet
530Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
May 28, 2009
ISL6334B INTERSIL-ISL6334B Datasheet
794Kb / 30P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
August 31, 2010
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
September 7, 2010
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
778Kb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
November 22, 2013
ISL6336DIRZ INTERSIL-ISL6336DIRZ Datasheet
777Kb / 30P
VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
October 6, 2014
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334D RENESAS-ISL6334D Datasheet
1Mb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
ISL6336D RENESAS-ISL6336D Datasheet
1Mb / 30P
VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com