Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 16Page - NXP Semiconductors TDF8591TH Datasheet HTML 17Page - NXP Semiconductors TDF8591TH Datasheet HTML 18Page - NXP Semiconductors TDF8591TH Datasheet HTML 19Page - NXP Semiconductors TDF8591TH Datasheet HTML 20Page - NXP Semiconductors TDF8591TH Datasheet HTML 21Page - NXP Semiconductors TDF8591TH Datasheet HTML 22Page - NXP Semiconductors TDF8591TH Datasheet HTML 23Page - NXP Semiconductors TDF8591TH Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Fig 11. BTL application schematic
001aah233
C18
IN1P
IN1
IN1M
SGND1
FB GND
SGND2
8
9
11
2
5
4
31
C19
220 pF
C23
1 nF
C25
1 nF
R8
1
µF
5.6 k
Ω
R3
5.6 k
Ω
1
µF
5.6 k
Ω
C20
R10
IN2P
IN2M
FB GND
FB
GND
C28
220 pF
R13
10
Ω
R14
22
Ω
C32
100 nF
C9
100 nF
C31
FB
GND
100 nF
VDDA
VSSA
19
24
13
VSSA
VSSP
20
21
22
VSSP
OUT2
BOOT2
23
VDDP
C34
100 nF
C35
FB GND
FB GND
100 nF
VDDA VSSA
C12
100 nF
C13
100 nF
C37
15 nF
C27
L4
100 nF
C39
100 nF
C38
VSSP
VDDP
17
14
6
7
12
10
100 nF
C14
100 nF
C16
100 nF
C15
47
µF
(63 V)
C8
C4
100
µF
(10 V)
C3
470
µF
(35 V)
C6
470
µF
(35 V)
C33
47 pF
18
C36
100 nF
VDDP
C40
220 pF
C10
220 pF
VSSP
C41
220 pF
R2
10
Ω
R5
10
Ω
R7
10
Ω
R6
30 k
Ω
R9
22
Ω
R4
5.6 k
Ω
R1
5.6 k
Ω
DZ1
5V6
S2
C2
47
µF
(35 V)
C5
47
µF
(35 V)
C1
100 nF
1
C7
100 nF
S1
J1
OUT1P
OUT2M
LS1
LOAD
L
C
4
Ω
10
µH1 µF
8
Ω
22
µH
680 nF
C24
100 nF
C22
FB
GND
16
15
OUT1
BOOT1
15 nF
C21
L3
L1 BEAD
VDD
CON1
GND
VSS
+25 V
−25 V
L2 BEAD
VDDP
VSSA
ON/OFF
OPERATE/MUTE
VDDP
VDDA
VDDP
VSSP
VSSA
VSSP
BRIDGE-TIED LOAD
OUTPUT FILTER VALUES
C11
220 pF
2
3
TDF8591TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com