Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 1 Page - NXP Semiconductors

  TDF8591TH Datasheet HTML 1Page - NXP Semiconductors TDF8591TH Datasheet HTML 2Page - NXP Semiconductors TDF8591TH Datasheet HTML 3Page - NXP Semiconductors TDF8591TH Datasheet HTML 4Page - NXP Semiconductors TDF8591TH Datasheet HTML 5Page - NXP Semiconductors TDF8591TH Datasheet HTML 6Page - NXP Semiconductors TDF8591TH Datasheet HTML 7Page - NXP Semiconductors TDF8591TH Datasheet HTML 8Page - NXP Semiconductors TDF8591TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1.
General description
The TDF8591TH is a high-efficiency class-D audio power amplifier with low power
dissipation for application in car audio systems. The typical output power is 2
× 100 W
into 4
Ω.
The TDF8591TH is available in an HSOP24 power package with a small internal heat
sink. Depending on the supply voltage and load conditions, a small or even no external
heat sink is required. The amplifier operates over a wide supply voltage range from
±14 V
to
±29 V and consumes a low quiescent current.
2.
Features
I Zero dead time switching
I Advanced output current protection
I No DC offset induced pop noise at mode transitions
I High efficiency
I Supply voltage from ±14 V to ±29 V
I Low quiescent current
I Usable as a stereo Single-Ended (SE) amplifier or as a mono amplifier in Bridge-Tied
Load (BTL)
I Fixed gain of 26 dB in SE and 32 dB in BTL
I High BTL output power: 310 W into 4 Ω
I Suitable for speakers in the 2 Ω to 8 Ω range
I High supply voltage ripple rejection
I Internal oscillator or synchronized to an external clock
I Full short-circuit proof outputs across load and to supply lines
I Thermal foldback and thermal protection
I AEC-Q100 qualified
3.
Ordering information
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
Rev. 01 — 5 March 2008
Product data sheet
Table 1.
Ordering information
Type number
Package
Name
Description
Version
TDF8591TH
HSOP24
plastic, heatsink small outline package; 24 leads; low stand-off height
SOT566-3


Similar Part No. - TDF8591TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599ATH NXP-TDF8599ATH Datasheet
346Kb / 54P
I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
More results

Similar Description - TDF8591TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com