Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 7Page - NXP Semiconductors TDF8591TH Datasheet HTML 8Page - NXP Semiconductors TDF8591TH Datasheet HTML 9Page - NXP Semiconductors TDF8591TH Datasheet HTML 10Page - NXP Semiconductors TDF8591TH Datasheet HTML 11Page - NXP Semiconductors TDF8591TH Datasheet HTML 12Page - NXP Semiconductors TDF8591TH Datasheet HTML 13Page - NXP Semiconductors TDF8591TH Datasheet HTML 14Page - NXP Semiconductors TDF8591TH Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TDF8591TH_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2008
11 of 34
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
[1]
Pin BOOT should not be loaded by any other means than the boot capacitor. A short-circuit between pin BOOT and VSS will damage the
device.
[2]
Pin STABI should not be loaded by an external circuit. A short-circuit between pin STABI and a voltage source or VSS will damage the
device.
[3]
Pin DIAG should not be connected to a voltage source or to a pull-up resistor. An example of a circuit that can be used to read out
diagnostic data is given in Figure 7.
8.
Thermal characteristics
9.
Static characteristics
VMODE
voltage on pin MODE
referred to SGND2
0
8
V
VOSC
voltage on pin OSC
referred to VSSD
040
V
VIN1M
voltage on pin IN1M
referred to SGND1
−5+5
V
VIN1P
voltage on pin IN1P
referred to SGND1
−5+5
V
VIN2M
voltage on pin IN2M
referred to SGND2
−5+5
V
VIN2P
voltage on pin IN2P
referred to SGND2
−5+5
V
VDIAG
voltage on pin DIAG
referred to VSSD
[3] 09
V
VO
output voltage
VSSP − 0.3
VDDP + 0.3 V
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
1
K/W
Rth(j-a)
thermal resistance from junction to ambient
In free air
35
K/W
Table 7.
Static characteristics
VP = ±27 V; fosc = 310 kHz; Tamb = −40 °C to +85 °C; Tj = −40 °C to +150 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VP
supply voltage
[1]
±14
±27
±29
V
Iq(tot)
total quiescent current
no load, no filter, no snubber
network connected
-
5065mA
Istb
standby current
Tj = −40 °C to +85 °C
-
150
500
µA
Mode select input; pin MODE (reference to SGND2)
IMODE
current on pin MODE
VMODE = 5.5 V
-
100
300
µA
VMODE
voltage on pin MODE
Standby mode
[2][3] 0
-
0.8
V
Mute mode
[2][3] 2.2
-
2.8
V
Operating mode
[2][3] 4.2
-
6
V
Diagnostic output; pin DIAG (reference to VSSD)
VOL
LOW-level output voltage
activated OCP or WP
[4] -
-
0.8
V
VOH
HIGH-level output voltage
no activated OCP or WP
[4] -
8.4
9
V
Audio inputs; pins IN1M, IN1P (reference to SGND1), IN2P and IN2M (reference to SGND2)
VI
input voltage
[2] -0
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com