Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 26Page - NXP Semiconductors TDF8591TH Datasheet HTML 27Page - NXP Semiconductors TDF8591TH Datasheet HTML 28Page - NXP Semiconductors TDF8591TH Datasheet HTML 29Page - NXP Semiconductors TDF8591TH Datasheet HTML 30Page - NXP Semiconductors TDF8591TH Datasheet HTML 31Page - NXP Semiconductors TDF8591TH Datasheet HTML 32Page - NXP Semiconductors TDF8591TH Datasheet HTML 33Page - NXP Semiconductors TDF8591TH Datasheet HTML 34Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
© NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 5 March 2008
Document identifier: TDF8591TH_1
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
18. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 1
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Functional description . . . . . . . . . . . . . . . . . . . 3
6.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6.2
Mode selection . . . . . . . . . . . . . . . . . . . . . . . . . 4
6.3
Pulse width modulation frequency . . . . . . . . . . 5
6.4
Protections . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
6.4.1
Thermal foldback . . . . . . . . . . . . . . . . . . . . . . . 6
6.4.2
Overtemperature protection . . . . . . . . . . . . . . . 6
6.4.3
Overcurrent protection . . . . . . . . . . . . . . . . . . . 6
6.4.4
Window protection . . . . . . . . . . . . . . . . . . . . . . 8
6.4.5
Supply voltage protections . . . . . . . . . . . . . . . . 8
6.5
Diagnostic output . . . . . . . . . . . . . . . . . . . . . . . 9
6.6
Differential inputs . . . . . . . . . . . . . . . . . . . . . . . 9
7
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 10
8
Thermal characteristics. . . . . . . . . . . . . . . . . . 11
9
Static characteristics. . . . . . . . . . . . . . . . . . . . 11
10
Dynamic characteristics . . . . . . . . . . . . . . . . . 13
10.1
Dynamic characteristics (SE) . . . . . . . . . . . . . 13
10.2
Dynamic characteristics (BTL) . . . . . . . . . . . . 14
11
Switching characteristics . . . . . . . . . . . . . . . . 15
12
Application information. . . . . . . . . . . . . . . . . . 15
12.1
BTL application . . . . . . . . . . . . . . . . . . . . . . . . 15
12.2
Output power estimation . . . . . . . . . . . . . . . . . 15
12.3
External clock . . . . . . . . . . . . . . . . . . . . . . . . . 16
12.4
Noise. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
12.5
Heat sink requirements. . . . . . . . . . . . . . . . . . 17
12.6
Pumping effects . . . . . . . . . . . . . . . . . . . . . . . 17
12.7
Application schematics . . . . . . . . . . . . . . . . . . 18
12.8
Application graphs . . . . . . . . . . . . . . . . . . . . . 21
13
Test information . . . . . . . . . . . . . . . . . . . . . . . . 30
13.1
Quality information . . . . . . . . . . . . . . . . . . . . . 30
14
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 31
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 32
16
Legal information. . . . . . . . . . . . . . . . . . . . . . . 33
16.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 33
16.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
16.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
16.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
17
Contact information. . . . . . . . . . . . . . . . . . . . . 33
18
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com