Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 8Page - NXP Semiconductors TDF8591TH Datasheet HTML 9Page - NXP Semiconductors TDF8591TH Datasheet HTML 10Page - NXP Semiconductors TDF8591TH Datasheet HTML 11Page - NXP Semiconductors TDF8591TH Datasheet HTML 12Page - NXP Semiconductors TDF8591TH Datasheet HTML 13Page - NXP Semiconductors TDF8591TH Datasheet HTML 14Page - NXP Semiconductors TDF8591TH Datasheet HTML 15Page - NXP Semiconductors TDF8591TH Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
TDF8591TH_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2008
12 of 34
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
[1]
The circuit is DC adjusted at VP = ±12.5 V to ±30 V.
[2]
Refers to usage in a symmetrical supply application (see Section 12.7). In an asymmetrical supply application the SGND voltage should
be defined by an external circuit.
[3]
The transition between Standby and Mute mode contains hysteresis, while the slope of the transition between Mute and Operating
mode is determined by the time constant on pin MODE (see Figure 9).
[4]
Pin DIAG should not be connected to an external pull-up.
[5]
DC output offset voltage is applied to the output during the transition between Mute and Operating mode in a gradual way. The
dVO(offset)/dt caused by any DC output offset is determined by the time constant on pin MODE.
[6]
At a junction temperature of approximately Tact(th_fold) − 5 °C the gain reduction will commence and at a junction temperature of
approximately Tact(th_fold) + 5 °C the amplifier mutes.
Amplifier outputs; pins OUT1 and OUT2
VO(offset)
output offset voltage
SE; mute
-
-
20
mV
SE; operating
[5] -
-
170
mV
BTL; mute
-
-
30
mV
BTL; operating
[5] -
-
240
mV
Stabilizer output; pin STABI (reference to VSSP1)
VO
output voltage
mute and operating; with respect
to VSSD
11
12.5
14
V
Temperature protection
Tprot
protection temperature
-
160
180
°C
Tact(th_fold)
thermal foldback activation
temperature
closed loop SE voltage gain
reduced with 6 dB
[6] 145
150
-
°C
Table 7.
Static characteristics …continued
VP = ±27 V; fosc = 310 kHz; Tamb = −40 °C to +85 °C; Tj = −40 °C to +150 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 9.
Behavior of pin MODE
STBY
MUTE
ON
5.5
001aad842
VMODE (V)
4.2
2.8
2.2
0.8
0
VO(offset)
mute
operating
slope is directly related to the
time constant on pin MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com