Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 21Page - NXP Semiconductors TDF8591TH Datasheet HTML 22Page - NXP Semiconductors TDF8591TH Datasheet HTML 23Page - NXP Semiconductors TDF8591TH Datasheet HTML 24Page - NXP Semiconductors TDF8591TH Datasheet HTML 25Page - NXP Semiconductors TDF8591TH Datasheet HTML 26Page - NXP Semiconductors TDF8591TH Datasheet HTML 27Page - NXP Semiconductors TDF8591TH Datasheet HTML 28Page - NXP Semiconductors TDF8591TH Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
TDF8591TH_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2008
25 of 34
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
(1) VP = ±14 V.
(2) VP = ±27 V and ±29 V.
Fig 22. Common mode rejection ratio as a function of frequency; BTL application
001aah210
60
100
CMRR
(dB)
20
(2)
(1)
f (kHz)
10−2
102
10
10−1
1
(1) ripple in antiphase.
(2) ripple on VDD only.
(3) ripple on VSS only.
(4) ripple in phase.
(1) ripple on VSS only.
(2) ripple on VDD only.
(3) ripple in phase.
(4) ripple in antiphase.
a. SE application; RL =4 Ω
b. BTL application; RL =8 Ω
Fig 23. Supply voltage ripple rejection as a function of frequency; Standby mode
001aah211
80
100
120
SVRR
(dB)
60
(2)
(4)
(1)
(3)
f (kHz)
10−2
102
10
10−1
1
001aah212
80
100
120
SVRR
(dB)
60
(2)
(4)
(1)
(3)
f (kHz)
10−2
102
10
10−1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com