Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 2Page - NXP Semiconductors TDF8591TH Datasheet HTML 3Page - NXP Semiconductors TDF8591TH Datasheet HTML 4Page - NXP Semiconductors TDF8591TH Datasheet HTML 5Page - NXP Semiconductors TDF8591TH Datasheet HTML 6Page - NXP Semiconductors TDF8591TH Datasheet HTML 7Page - NXP Semiconductors TDF8591TH Datasheet HTML 8Page - NXP Semiconductors TDF8591TH Datasheet HTML 9Page - NXP Semiconductors TDF8591TH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TDF8591TH_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2008
6 of 34
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
If two or more class-D amplifiers are used in the same audio application, it is
recommended to synchronize the switching frequency of all devices to an external clock
(see Section 12.3).
6.4 Protections
The following protections are included in TDF8591TH:
• Thermal Foldback (TF)
• OverTemperature Protection (OTP)
• OverCurrent Protection (OCP)
• Window Protection (WP)
• Supply voltage protections
– UnderVoltage Protection (UVP)
– OverVoltage Protection (OVP)
– Unbalance Protection (UBP)
The reaction of the device on the different fault conditions differs per protection and is
described in Section 6.4.1 to Section 6.4.5.
6.4.1 Thermal foldback
If the junction temperature Tj > 145 °C, then the TF gradually reduced the gain, resulting in
a smaller output signal and less dissipation. At Tj = 155 °C the outputs are fully muted.
6.4.2 Overtemperature protection
If Tj > 160 °C, then the OTP will shut down the power stage immediately.
6.4.3 Overcurrent protection
The OCP will detect a short-circuit between the loudspeaker terminals or if one of the
loudspeaker terminals is short-circuited to one of the supply lines.
If the output current tends to exceed the maximum output current of 12 A, the output
voltage of the TDF8591TH will be regulated to a level where the maximum output current
is limited to 12 A while the amplifier outputs remain switching, the amplifier does not shut
down. When this active current limiting continues longer than a time
τ (see Figure 5) the
capacitor on pin DIAG is discharged below a threshold value and the TDF8591TH shuts
down. Activation of current limiting and the triggering of the OCP is observed at pin DIAG
(see Figure 5).
A maximum value for the capacitor on pin DIAG is 47 pF. The reference voltage on pin
DIAG is VSSA. Pin DIAG should not be connected to an external pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com