Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 5 Page - NXP Semiconductors

  TDF8591TH Datasheet HTML 1Page - NXP Semiconductors TDF8591TH Datasheet HTML 2Page - NXP Semiconductors TDF8591TH Datasheet HTML 3Page - NXP Semiconductors TDF8591TH Datasheet HTML 4Page - NXP Semiconductors TDF8591TH Datasheet HTML 5Page - NXP Semiconductors TDF8591TH Datasheet HTML 6Page - NXP Semiconductors TDF8591TH Datasheet HTML 7Page - NXP Semiconductors TDF8591TH Datasheet HTML 8Page - NXP Semiconductors TDF8591TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TDF8591TH_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2008
5 of 34
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
The value of the RC time constant should be dimensioned for 500 ms. If the 100
µF
capacitor is left out of the application the voltage on pin MODE will be applied with a much
smaller time constant, which might result in audible pop noises during start-up (depending
on DC output offset voltage and used loudspeaker).
In order to fully charge the coupling capacitors at the inputs, the amplifier will remain
automatically in Mute mode for approximately 150 ms before switching to Operating
mode. A complete overview of the start-up timing is given in Figure 4.
6.3 Pulse width modulation frequency
The output signal of the amplifier is a PWM signal with a switching frequency that is set by
an external resistor Rext(OSC) connected between pins OSC and VSSA. An optimum setting
for the carrier frequency is between 300 kHz and 350 kHz. An external resistor Rext(OSC) of
30 k
Ω sets the frequency to 310 kHz.
Fig 4.
Timing on mode selection input
audio
operating
mute
standby
5 V
2.5 V
0 V (SGND)
time
VMODE
100 ms
>50 ms
switching
audio
operating
standby
5 V
0 V (SGND)
time
001aad837
VMODE
100 ms
50 ms
switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com