Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8591TH Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 24Page - NXP Semiconductors TDF8591TH Datasheet HTML 25Page - NXP Semiconductors TDF8591TH Datasheet HTML 26Page - NXP Semiconductors TDF8591TH Datasheet HTML 27Page - NXP Semiconductors TDF8591TH Datasheet HTML 28Page - NXP Semiconductors TDF8591TH Datasheet HTML 29Page - NXP Semiconductors TDF8591TH Datasheet HTML 30Page - NXP Semiconductors TDF8591TH Datasheet HTML 31Page - NXP Semiconductors TDF8591TH Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
TDF8591TH_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2008
28 of 34
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
f = 1 kHz
; double coils; C = 680 nF.
(1) THD = 10 %.
(2) THD = 0.5 %.
f = 1 kHz
; double coils; C = 680 nF.
(1) THD = 10 %.
(2) THD = 0.5 %.
a. RL =2 Ω
b. RL =4 Ω
Fig 28. Output power as a function of supply voltage, SE application
VP (V)
25
65
55
35
45
001aah220
80
120
40
160
200
Po
(W)
0
(1)
(2)
VP (V)
20
70
60
40
50
30
001aah221
40
80
120
Po
(W)
0
(1)
(2)
f = 1 kHz
; double coils; C = 680 nF.
(1) THD = 10 %.
(2) THD = 0.5 %.
f = 1 kHz
; double coils; C = 680 nF.
(1) THD = 10 %.
(2) THD = 0.5 %.
a. RL =4 Ω
b. RL =8 Ω
Fig 29. Output power as a function of supply voltage, BTL application
VP (V)
20
70
60
40
50
30
001aah222
200
100
300
400
Po
(W)
0
(1)
(2)
VP (V)
20
70
60
40
50
30
001aah223
100
180
260
Po
(W)
20
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com